Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431BCM Datasheet(PDF) 2 Page - Texas Instruments

Part # LM431BCM
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431BCM Datasheet(HTML) 2 Page - Texas Instruments

  LM431BCM Datasheet HTML 1Page - Texas Instruments LM431BCM Datasheet HTML 2Page - Texas Instruments LM431BCM Datasheet HTML 3Page - Texas Instruments LM431BCM Datasheet HTML 4Page - Texas Instruments LM431BCM Datasheet HTML 5Page - Texas Instruments LM431BCM Datasheet HTML 6Page - Texas Instruments LM431BCM Datasheet HTML 7Page - Texas Instruments LM431BCM Datasheet HTML 8Page - Texas Instruments LM431BCM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM431
SNVS020G – MAY 2000 – REVISED APRIL 2013
www.ti.com
DC Test Circuits
Note:
VZ = VREF (1 + R1/R2) + IREF• R1
Figure 4. Test Circuit for VZ = VREF
Figure 5. Test Circuit for VZ > VREF
Figure 6. Test Circuit for Off-State Current
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
Industrial (LM431xI)
−40°C to +85°C
Commercial (LM431xC)
0°C to +70°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C (lead temp.)
Cathode Voltage
37V
Continuous Cathode Current
−10 mA to +150 mA
Reference Voltage
−0.5V
Reference Input Current
10 mA
Internal Power Dissipation(3)(4)
TO-92 Package
0.78W
SOIC Package
0.81W
SOT-23 Package
0.28W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
TJ Max = 150°C.
(4)
Ratings apply to ambient temperature at 25°C. Above this temperature, derate the TO-92 at 6.2 mW/°C, the SOIC at 6.5 mW/°C, the
SOT-23 at 2.2 mW/°C.
Operating Conditions
Min
Max
Cathode Voltage
VREF
37V
Cathode Current
1.0 mA
100 mA
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com