Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372XX Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32F372XX
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372XX Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32F372XX Datasheet HTML 14Page - STMicroelectronics STM32F372XX Datasheet HTML 15Page - STMicroelectronics STM32F372XX Datasheet HTML 16Page - STMicroelectronics STM32F372XX Datasheet HTML 17Page - STMicroelectronics STM32F372XX Datasheet HTML 18Page - STMicroelectronics STM32F372XX Datasheet HTML 19Page - STMicroelectronics STM32F372XX Datasheet HTML 20Page - STMicroelectronics STM32F372XX Datasheet HTML 21Page - STMicroelectronics STM32F372XX Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
Functional overview
STM32F37x
18/128
Doc ID 022691 Rev 3
3.13
16-bit sigma delta analog-to-digital converters (SDADC)
Up to three 16-bit sigma-delta analog-to-digital converters are embedded in the
STM32F37x. They have up to two separate supply voltages allowing the analog function
voltage range to be independent from the STM32F37x power supply. They share up to 21
input pins which may be configured in any combination of single-ended (up to 21) or
differential inputs (up to 11).
The conversion speed is up to 16.6 ksps for each SDADC when converting multiple
channels and up to 50 ksps per SDADC if single channel conversion is used. There are two
conversion modes: single conversion mode or continuous mode, capable of automatically
scanning any number of channels. The data can be automatically stored in a system RAM
buffer, reducing the software overhead.
A timer triggering system can be used in order to control the start of conversion of the three
SDADCs and/or the 12-bit fast ADC. This timing control is very flexible, capable of triggering
simultaneous conversions or inserting a programmable delay between the ADCs.
Up to two external reference pins (VREFSD+, VREFSD-) and an internal 1.2/1.8 V
reference can be used in conjunction with a programmable gain (x0.5 to x32) in order to
fine-tune the input voltage range of the SDADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com