Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8T Datasheet(PDF) 6 Page - STMicroelectronics

Part # T8T
Description  Snubberless?? logic level and standard 8 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T8T Datasheet(HTML) 6 Page - STMicroelectronics

  T8T Datasheet HTML 1Page - STMicroelectronics T8T Datasheet HTML 2Page - STMicroelectronics T8T Datasheet HTML 3Page - STMicroelectronics T8T Datasheet HTML 4Page - STMicroelectronics T8T Datasheet HTML 5Page - STMicroelectronics T8T Datasheet HTML 6Page - STMicroelectronics T8T Datasheet HTML 7Page - STMicroelectronics T8T Datasheet HTML 8Page - STMicroelectronics T8T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering information scheme
T8T
6/9
Doc ID 16192 Rev 3
2
Ordering information scheme
Figure 13.
Ordering information scheme
T
8
10
T
-
6
I
TRIAC
Current
Sensitivity
Application specific
Voltage
Package
I = TO-220AB-Ins.
8 = 8 A
10 = 10 mA
20 = 20 mA
25 = 25 mA
6 = 600 V
35 = 35 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com