Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575T-15 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575T-15
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-15 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2575T-15 Datasheet HTML 12Page - Texas Instruments LM2575T-15 Datasheet HTML 13Page - Texas Instruments LM2575T-15 Datasheet HTML 14Page - Texas Instruments LM2575T-15 Datasheet HTML 15Page - Texas Instruments LM2575T-15 Datasheet HTML 16Page - Texas Instruments LM2575T-15 Datasheet HTML 17Page - Texas Instruments LM2575T-15 Datasheet HTML 18Page - Texas Instruments LM2575T-15 Datasheet HTML 19Page - Texas Instruments LM2575T-15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LM1575, LM2575-N, LM2575HV
SNVS106E – MAY 1999 – REVISED APRIL 2013
www.ti.com
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
4. Catch Diode Selection (D1)
4. Catch Diode Selection (D1)
A. The catch-diode current rating must be at least 1.2 times greater A. For this example, a 3A current rating is adequate.
than the maximum load current. Also, if the power supply design B. Use a 40V MBR340 or 31DQ04 Schottky diode, or any of the
must withstand a continuous output short, the diode should have a suggested fast-recovery diodes in Table 1.
current rating equal to the maximum current limit of the LM2575. The
most stressful condition for this diode is an overload or shorted
output. See Table 1.
B. The reverse voltage rating of the diode should be at least 1.25
times the maximum input voltage.
5. Input Capacitor (CIN)
5. Input Capacitor (CIN)
An aluminum or tantalum electrolytic bypass capacitor located close A 100
μF aluminum electrolytic capacitor located near the input and
to the regulator is needed for stable operation.
ground pins provides sufficient bypassing.
To further simplify the buck regulator design procedure, TI is making available computer design software to be
used with the Simple Switcher line of switching regulators. Switchers Made Simple (version 3.3) is available on
a (3½″) diskette for IBM compatible computers from a TI sales office in your area.
Table 1. Diode Selection Guide
Schottky
Fast Recovery
VR
1A
3A
1A
3A
20V
1N5817
1N5820
MBR120P
MBR320
The following
The following
SR102
SR302
diodes are all
diodes are all
30V
1N5818
1N5821
MBR130P
MBR330
rated to 100V:
rated to 100V:
11DQ03
31DQ03
11DF1
31DF1
SR103
SR303
MUR110
MURD310
HER102
HER302
40V
1N5819
IN5822
MBR140P
MBR340
11DQ04
31DQ04
SR104
SR304
50V
MBR150
MBR350
11DQ05
31DQ05
SR105
SR305
60V
MBR160
MBR360
11DQ06
31DQ06
SR106
SR306
Table 2. Inductor Selection by Manufacturer's Part Number
Inductor Code
Inductor Value
Schott (1)
Pulse Eng. (2)
Renco (3)
L100
100
μH
67127000
PE-92108
RL2444
L150
150
μH
67127010
PE-53113
RL1954
L220
220
μH
67127020
PE-52626
RL1953
L330
330
μH
67127030
PE-52627
RL1952
L470
470
μH
67127040
PE-53114
RL1951
L680
680
μH
67127050
PE-52629
RL1950
H150
150
μH
67127060
PE-53115
RL2445
H220
220
μH
67127070
PE-53116
RL2446
H330
330
μH
67127080
PE-53117
RL2447
H470
470
μH
67127090
PE-53118
RL1961
H680
680
μH
67127100
PE-53119
RL1960
H1000
1000
μH
67127110
PE-53120
RL1959
(1)
Schott Corp., (612) 475-1173, 1000 Parkers Lake Rd., Wayzata, MN 55391.
(2)
Pulse Engineering, (619) 674-8100, P.O. Box 12236, San Diego, CA 92112.
(3)
Renco Electronics Inc., (516) 586-5566, 60 Jeffryn Blvd. East, Deer Park, NY 11729.
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com