Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835T-6I Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835T-6I
Description  Snubberless?? logic level and standard 8 A Triacs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835T-6I Datasheet(HTML) 5 Page - STMicroelectronics

  T835T-6I Datasheet HTML 1Page - STMicroelectronics T835T-6I Datasheet HTML 2Page - STMicroelectronics T835T-6I Datasheet HTML 3Page - STMicroelectronics T835T-6I Datasheet HTML 4Page - STMicroelectronics T835T-6I Datasheet HTML 5Page - STMicroelectronics T835T-6I Datasheet HTML 6Page - STMicroelectronics T835T-6I Datasheet HTML 7Page - STMicroelectronics T835T-6I Datasheet HTML 8Page - STMicroelectronics T835T-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T8T
Characteristics
Doc ID 16192 Rev 3
5/9
Figure 7.
Non repetitive surge peak on-state
current for a sinusoidal
Figure 8.
Relative variation of gate trigger
current and gate trigger voltage
versus junction temperature
ITSM(A), I²t (A²s)
10
100
1000
0.01
0.10
1.00
10.00
10
100
1000
0.01
0.10
1.00
10.00
dl /dt limitation: 50 A / µs
I²t
ITSM
Tj initial = 25 °C
tp(ms)
pulse with width t <10 ms, and corresponding value of I²t
p
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Tj(°C)
IGT Q3
IGT Q1-Q2
IGT Q1-Q2-Q3
typical values
Figure 9.
Relative variation of holding
current and latching current versus
junction temperature
Figure 10.
Relative variation of static dV/dt
immunity versus junction
temperature
IH,[Tj] / IH,IL[Tj = 25 °C]
IL
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
Tj(°C)
IL
IH
typical values
dV / dt [Tj] /
[Tj = 125 °C]
dV / dt
0
1
2
3
4
5
6
7
25
50
75
100
125
VD =VR = 402 V
Tj(°C)
Figure 11.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 12.
Relative variation of leakage
current versus junction
temperature
(dl / dt)c [Tj] /
[Tj = 125 °C]
(dl / dt)c
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
IDRM/IRRM [Tj;VDRM /VRRM] / IDRM/IRRM
[Tj = 125 °C; 600 V]
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
Tj(°C)
VDRM =VRRM = 600 V
VDRM =VRRM = 400 V
VDRM =VRRM = 200 V
for different values of blocking voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com