Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372CC Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 103Page - STMicroelectronics STM32F372CC Datasheet HTML 104Page - STMicroelectronics STM32F372CC Datasheet HTML 105Page - STMicroelectronics STM32F372CC Datasheet HTML 106Page - STMicroelectronics STM32F372CC Datasheet HTML 107Page - STMicroelectronics STM32F372CC Datasheet HTML 108Page - STMicroelectronics STM32F372CC Datasheet HTML 109Page - STMicroelectronics STM32F372CC Datasheet HTML 110Page - STMicroelectronics STM32F372CC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
107/128
IDDSDx
Supply
current
(VDDSDx =
3.3 V)
Fast mode (fADC = 6 MHz)
800
1200
µA
Slow mode (fADC = 1.5 MHz)
600
Standby
200
Power down
2.5
SD_ADC off
1
VAIN
Common
input
voltage
range
Single ended mode (zero reference)
VSSA
VREFSD+
/gain
V
Voltage on
AINP or
AINN pin
Single ended offset mode
VSSA
VREFSD+
/gain/2
Differential mode
VSSA
VDDSDx
VDIFF
Differential
input
voltage
Differential mode only
-VREF
SD+/
gain/2
VREFSD+/
gain/2
Differential
voltage
between
AINP and
AINN
fS
Sampling
rate
Slow mode (fADC = 1.5 MHz)
4.166
kHz
fADC/360
Slow mode one channel only
(fADC = 1.5 MHz)
12.5
fADC/120
Fast mode multiplexed channel
(fADC = 6 MHz)
16.66
fADC/360
Fast mode one channel only
(fADC = 6 MHz)
50
fADC/120
tCONV
Conversion
time
1/fs
s
Rain
Analog
input
impedance
One channel, gain = 0.5,
fADC = 1.5 MHz
540
k
see
reference
manual for
detailed
description
One channel, gain = 0.5, fADC = 6 MHz
135
One channel, gain = 8, fADC = 6 MHz
47
tCALIB
Calibration
time
fADC = 6 MHz, one offset calibration
5120
µs
30720/fADC
tSTAB
Stabilization
time
From power down fADC = 6 MHz
100
µs
600/fADC,
75/fADC if
SLOWCK
=1
tSTANDBY
Wakeup
from
standby
time
fADC = 6 MHz
50
µs
300/fADC
fADC = 1.5 MHz
50
75/fADC if
SLOWCK
=1
Table 74.
SDADC characteristics (continued)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com