Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372CC Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 104Page - STMicroelectronics STM32F372CC Datasheet HTML 105Page - STMicroelectronics STM32F372CC Datasheet HTML 106Page - STMicroelectronics STM32F372CC Datasheet HTML 107Page - STMicroelectronics STM32F372CC Datasheet HTML 108Page - STMicroelectronics STM32F372CC Datasheet HTML 109Page - STMicroelectronics STM32F372CC Datasheet HTML 110Page - STMicroelectronics STM32F372CC Datasheet HTML 111Page - STMicroelectronics STM32F372CC Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
Electrical characteristics
STM32F37x
108/128
Doc ID 022691 Rev 3
EO
Offset error
fADC =
1.5 MHz
VDDSDx
= 3.3
VREFSD+ =
3.3
110
uV
after offset
calibration
fADC =
6MHz
VREFSD+ =
1.2
110
VREFSD+ =
3.3
100
fADC =
6MHz
VREFSD+ =
1.2
70
VREFSD+ =
3.3
100
fADC =
1.5 MHz
VREFSD+ =
3.3
90
VREFSD+ =
1.2
2100
VREFSD+ =
3.3
2000
VREFSD+ =
1.2
1500
VREFSD+ =
3.3
1800
Dvoffsett
emp
Offset drift
with
temperature
Differential or single ended mode,
gain = 1, VDDSDx = 3.3 V
10
15
uV/K
EG
Gain error
All gains, differential mode, single ended
mode
-2.4
-2.7
-3.1
%
EGT
Gain drift
with
temperature
gain = 1, differential mode, single ended
mode
0
ppm/
K
Table 74.
SDADC characteristics (continued)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com