Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CSD/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951CSD/NOPB
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951CSD/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2951CSD/NOPB Datasheet HTML 8Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 9Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 10Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 11Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 12Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 13Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 14Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 15Page - Texas Instruments LP2951CSD/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
0
5
10
15
20
25
30
0
20
40
60
80
100
120
INPUT PIN VOLTAGE, VIN(V)
VSD= 2.0V
Output Load = Short to Ground
Ta= -50°C
Ta= -40°C
Ta= +25°C
Ta= +125°C
0
5
10
15
20
25
30
0
20
40
60
80
100
120
INPUT PIN VOLTAGE, VIN(V)
VSD= 2.0V
Output Load = Open
Ta= -50°C
Ta= -40°C
Ta= +25°C
Ta= +125°C
LP2950-N, LP2951-N
SNVS764N – JANUARY 2000 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LP2950-N Maximum Rated Output Current
Thermal Response
Figure 39.
Figure 40.
Output Capacitor ESR Range
LP2951-N Input Pin Current vs Input Voltage
Figure 41.
Figure 42.
LP2951-N Input Pin Current vs Input Voltage
Figure 43.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2950-N LP2951-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com