Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CSDX-3.0/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2951CSDX-3.0/NOPB
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951CSDX-3.0/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2951CSDX-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 9Page - Texas Instruments LP2951CSDX-3.0/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LP2950-N, LP2951-N
SNVS764N – JANUARY 2000 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
LP2950AC-XX
LP2950C-XX
LP2951
LP2951AC-XX
LP2951C-XX
Parameter
Conditions(1)
Units
Typ
Tested
Typ
Tested
Design Typ
Tested
Design
Limit(2)(3)
Limit(2)
Limit(4)
Limit(2)
Limit(4)
Error Comparator
Output Leakage
VOH = 30V
0.01
1
0.01
1
0.01
1
μA max
Current
2
2
2
μA max
Output Low Voltage
Vin = (VONOM − 0.5)V
150
250
150
250
150
250
mV
IOL = 400μA
max
400
400
400
mV
max
Upper Threshold
See(13)
60
40
60
40
60
40
mV min
Voltage
25
25
25
mV min
Lower Threshold
See(13)
75
95
75
95
75
95
mV
Voltage
max
140
140
140
mV
max
Hysteresis
See(13)
15
15
15
mV
Shutdown Input
Input
1.3
1.3
1.3
V
Logic
Low (Regulator ON)
0.6
0.7
0.7
V max
Voltage
High (Regulator OFF)
2.0
2.0
2.0
V min
Shutdown Pin Input
Vshutdown = 2.4V
30
50
30
50
30
50
μA max
Current
100
100
100
μA max
Vshutdown = 30V
450
600
450
600
450
600
μA max
750
750
750
μA max
Regulator Output
See(14)
3
10
3
10
3
10
μA max
Current in Shutdown
20
20
20
μA max
(13) Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage
measured at Vin = (VONOM + 1)V. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain =
VOUT/VREF = (R1 + R2)/R2.For example, at a programmed output voltage of 5V, the Error output is specified to go low when the output
drops by 95 mV × 5V/1.235V = 384 mV. Thresholds remain constant as a percent of Vout as Vout is varied, with the dropout warning
occurring at typically 5% below nominal, 7.5% ensured.
(14) VSHUTDOWN ≥ 2V, VIN ≤ 30V, VOUT = 0, Feedback pin tied to VTAP.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2950-N LP2951-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com