Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CSDX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951CSDX/NOPB
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951CSDX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2951CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 14Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 15Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 16Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 17Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 18Page - Texas Instruments LP2951CSDX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
LP2950-N, LP2951-N
www.ti.com
SNVS764N – JANUARY 2000 – REVISED MAY 2013
*When VIN ≤ 1.3V, the error flag pin becomes a high impedance, and the error flag voltage rises to its pull-up voltage.
Using VOUT as the pull-up voltage (see Figure 47), rather than an external 5V source, will keep the error flag voltage
under 1.2V (typ.) in this condition. The user may wish to divide down the error flag voltage using equal-value resistors
(10 k
Ω suggested), to ensure a low-level logic signal during any fault condition, while still allowing a valid high logic
level during normal operation.
Figure 46. ERROR Output Timing
Programming the Output Voltage (LP2951-N)
The LP2951-N may be pin-strapped for the nominal fixed output voltage using its internal voltage divider by tying
the output and sense pins together, and also tying the feedback and VTAP pins together. Alternatively, it may be
programmed for any output voltage between its 1.235V reference and its 30V maximum rating. As seen in
Figure 47, an external pair of resistors is required.
The complete equation for the output voltage is
where
•
VREF is the nominal 1.235V reference voltage and IFB is the feedback pin bias current, nominally -20nA
(7)
The minimum recommended load current of 1
μA forces an upper limit of 1.2 MΩ on the value of R2, if the
regulator must work with no load (a condition often found in CMOS in standby). IFB will produce a 2% typical
error in VOUT which may be eliminated at room temperature by trimming R1. For better accuracy, choosing R2 =
100 k
Ω reduces this error to 0.17% while increasing the resistor program current to 12 μA. Since the LP2951-N
typically draws 60
μA at no load with Pin 2 open-circuited, this is a small price to pay.
*See Application Hints
**Drive with TTL-high to shut down. Ground or leave open if shutdown feature is not to be used.
Note: Pins 2 and 6 are left open.
Figure 47. Adjustable Regulator
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2950-N LP2951-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com