Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3035 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYUSB3035
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYUSB3035 Datasheet HTML 35Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 36Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 37Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 38Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 39Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 40Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 41Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 42Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 39 of 50
tSDIH CMD
Host input hold time for CMD
9
–
ns
tSDIH DAT
Host input hold time for DAT
9
–
ns
tSDOS CMD
Host output setup time for CMD
3
–
ns
tSDOS DAT
Host output setup time for DAT
3
–
ns
tSDOH CMD
Host output hold time for CMD
3
–
ns
tSDOH DAT
Host output hold time for DAT
3
–
ns
tSCLKR
Clock rise time
–
2
ns
tSCLKF
Clock fall time
–
2
ns
tSDCK
Clock cycle time
38.5
–
ns
SDFREQ
Clock frequency
–
26
MHz
tSDCLKOD
Clock duty cycle
40
60
%
MC-HS
tSDIS CMD
Host input setup time for CMD
4
–
ns
tSDIS DAT
Host input setup time for DAT
4
–
ns
tSDIH CMD
Host input hold time for CMD
3
–
ns
tSDIH DAT
Host input hold time for DAT
3
–
ns
tSDOS CMD
Host output setup time for CMD
3
–
ns
tSDOS DAT
Host output setup time for DAT
3
–
ns
tSDOH CMD
Host output hold time for CMD
3
–
ns
tSDOH DAT
Host output hold time for DAT
3
–
ns
tSCLKR
Clock rise time
–
2
ns
tSCLKF
Clock fall time
–
2
ns
tSDCK
Clock cycle time
19.2
–
ns
SDFREQ
Clock frequency
–
52
MHz
tSDCLKOD
Clock duty cycle
40
60
%
MMC-DDR52
tSDIS CMD
Host input setup time for CMD
4
–
ns
tSDIS DAT
Host input setup time for DAT
0.56
–
ns
tSDIH CMD
Host input hold time for CMD
3
–
ns
tSDIH DAT
Host input hold time for DAT
2.58
–
ns
tSDOS CMD
Host output setup time for CMD
3
–
ns
tSDOS DAT
Host output setup time for DAT
2.5
–
ns
tSDOH CMD
Host output hold time for CMD
3
–
ns
tSDOH DAT
Host output hold time for DAT
2.5
–
ns
tSCLKR
Clock rise time
–
2
ns
tSCLKF
Clock fall time
–
2
ns
tSDCK
Clock cycle time
19.2
–
ns
SDFREQ
Clock frequency
–
52
MHz
tSDCLKOD
Clock duty cycle
45
55
%
SD-Default Speed (SDR12)
tSDIS CMD
Host input setup time for CMD
24
–
ns
tSDIS DAT
Host input setup time for DAT
24
–
ns
Table 15. S-Port Timing Parameters[10]
(continued)
Parameter
Description
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com