Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3035-BZXC Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB3035-BZXC
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035-BZXC Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB3035-BZXC Datasheet HTML 17Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 18Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 19Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 20Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 21Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 22Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 23Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 24Page - Cypress Semiconductor CYUSB3035-BZXC Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 21 of 50
VOH
Output HIGH voltage
0.9 × VCC
–
V
IOH (max) = –100 µA tested at
quarter drive strength. VCC is
the corresponding I/O voltage
supply.
VOL
Output LOW voltage
–
0.1 × VCC
V
IOL (min) = +100 µA tested at
quarter drive strength. VCC is
the corresponding I/O voltage
supply.
IIX
Input leakage current for all pins except
SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
(For I/Os with a pull-up or
pull-down resistor connected,
the leakage current increases
by VDDQ/Rpu or VDDQ/RPD
IOZ
Output High-Z leakage current for all
pins except SSTXP/ SSXM/
SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
ICC Core
Core and analog voltage operating
current
–
200
mA
Total current through AVDD,
VDD
ICC USB
USB voltage supply operating current
–
60
mA
ISB1
Total suspend current during suspend
mode with USB 3.0 PHY enabled (L1)
–
–
mA
Core current: 1.5 mA
I/O current: 20 µA
USB current: 2 mA
For typical PVT (typical silicon,
all power supplies at their
respective nominal levels at
25 °C.)
ISB2
Total suspend current during suspend
mode with USB 3.0 PHY disabled (L2)
–
–
mA
Core current: 250 µA
I/O current: 20 µA
USB current: 1.2 mA
For typical PVT (Typical
silicon, all power supplies at
their respective nominal levels
at 25 °C.)
ISB3
Total standby current during standby
mode (L3)
–
–
µA
Core current: 60 µA
I/O current: 20 µA
USB current: 40 µA
For typical PVT (typical silicon,
all power supplies at their
respective nominal levels at
25 °C.)
ISB4
Total standby current during core
power-down mode (L4)
–
–
µA
Core current: 0 µA
I/O current: 20 µA
USB current: 40 µA
For typical PVT (typical silicon,
all power supplies at their
respective nominal levels at
25 °C.)
VRAMP
Voltage ramp rate on core and I/O
supplies
0.2
50
V/ms
Voltage ramp must be
monotonic
VN
Noise level permitted on VDD and I/O
supplies
–
100
mV
Max p-p noise level permitted
on all supplies except AVDD
VN_AVDD
Noise level permitted on AVDD supply
–
20
mV
Max p-p noise level permitted
on AVDD
Table 7. DC Specifications
(continued)
Parameter
Description
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com