Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB201X Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYUSB201X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB201X Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYUSB201X Datasheet HTML 1Page - Cypress Semiconductor CYUSB201X Datasheet HTML 2Page - Cypress Semiconductor CYUSB201X Datasheet HTML 3Page - Cypress Semiconductor CYUSB201X Datasheet HTML 4Page - Cypress Semiconductor CYUSB201X Datasheet HTML 5Page - Cypress Semiconductor CYUSB201X Datasheet HTML 6Page - Cypress Semiconductor CYUSB201X Datasheet HTML 7Page - Cypress Semiconductor CYUSB201X Datasheet HTML 8Page - Cypress Semiconductor CYUSB201X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 4 of 45
Functional Overview
Cypress’s EZ-USB FX3 is the next-generation USB 3.0
peripheral controller, providing integrated and flexible features.
FX3 has a fully configurable, parallel, general programmable
interface called GPIF II, which can connect to any processor,
ASIC, or FPGA. GPIF II is an enhanced version of the GPIF in
FX2LP, Cypress’s flagship USB 2.0 product. It provides easy and
glueless
connectivity
to
popular
interfaces,
such
as
asynchronous SRAM, asynchronous and synchronous address
data multiplexed interfaces, and parallel ATA.
FX3 has integrated the USB 3.0 and USB 2.0 physical layers
(PHYs) along with a 32-bit ARM926EJ-S microprocessor for
powerful data processing and for building custom applications. It
implements an architecture that enables 375-MBps data transfer
from GPIF II to the USB interface.
An integrated USB 2.0 OTG controller enables applications in
which FX3 may serve dual roles; for example, EZ-USB FX3 may
function as an OTG Host to MSC as well as HID-class devices.
FX3 contains 512 KB or 256 KB of on-chip SRAM (see Ordering
Information on page 41) for code and data. EZ-USB FX3 also
provides interfaces to connect to serial peripherals such as
UART, SPI, I2C, and I2S.
FX3 comes with application development tools. The software
development
kit
comes
with
application
examples
for
accelerating time to market.
FX3 complies with the USB 3.0 v1.0 specification and is also
backward compatible with USB 2.0. It also complies with the
Battery
Charging
Specification
v1.1
and
USB 2.0
OTG
Specification v2.0.
Application Examples
In a typical application (see Figure 1), FX3 functions as a copro-
cessor and connects to an external processor, which manages
system-level functions. Figure 2 shows a typical application
diagram when FX3 functions as the main processor.
Figure 1. EZ-USB FX3 as a Coprocessor
EZ- USB FX3
(ARM9 Core)
External Serial Peripheral
(Example:: EEPROM)
Crystal *
Power
Subsystem
GPIF II
text
External Processor
(Example: MCU/CPU/
ASIC/FPGA)
Serial Interfaces
(example: I2C)
USB
Port
USB Host
*
A clock input may be provided on the
CLKIN pin instead of a crystal input
Note
1. Assuming that GPIF II is configured for a 32-bit data bus (available with certain part numbers; see Ordering Information on page 41), synchronous interface operating
at 100 MHz. This number also includes protocol overheads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com