Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1658CS8PBF Datasheet(PDF) 9 Page - Linear Dimensions Semiconductor

Part # LTC1658CS8PBF
Description  14-Bit Rail-to-Rail Micropower DAC in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC1658CS8PBF Datasheet(HTML) 9 Page - Linear Dimensions Semiconductor

Back Button LTC1658CS8PBF Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 9Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 10Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 11Page - Linear Dimensions Semiconductor LTC1658CS8PBF Datasheet HTML 12Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1658
An Optoisolated 4mA to 20mA Process Controller
CLK
DIN
CS/LD
1
µF
IN
OUT
Q1
2N3440
RS
10
Ω
IOUT
VLOOP
3.8V TO 30V
VCC
REF
VOUT
FROM
OPTO-
ISOLATED
INPUTS
LTC1658
1658 TA04
LT®1121-3.3
3.01k
1%
–
+
+
LT1077
1k
20k
237k
1%
5k
60.4k
1%
OPTOISOLATORS
500
Ω
3.3V
3.6k
4N28
CLK
DIN
CS/LD
CLK
DIN
CS/LD
This circuit shows how to use an LTC1658 to make an
optoisolated digitally controlled 4mA to 20mA process
controller. The controller circuitry, including the
optoisolation, is powered by the loop voltage that can have
a wide range of 3.8V to 30V. The 3.3V output of the
LT1121-3.3 is used for the 4mA offset current and VOUT is
used for the digitally controlled 0mA to 16mA current. RS
is a sense resistor and the op amp modulates the transis-
tor Q1 to provide the 4mA to 20mA current through this
resistor. The potentiometers allow for offset and full-scale
adjustment. The control circuitry dissipates well under the
4mA budget at zero-scale.
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com