Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMODCLS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PMODCLS
Description  Seriiall LCD Diispllay Modulle Refference Manuall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMODCLS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PMODCLS Datasheet HTML 1Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 2Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 3Page - List of Unclassifed Manufacturers PMODCLS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Digilent, Inc.
PmodCLS Reference Manual
www.digilentinc.com
www.digilentinc.com
page 4 of 4
Copyright Digilent, Inc. All rights reserved. Other product and company names mentioned may be trademarks of their respective owners.
Connector J1 – SPI Communications
Pin
Signal
Description
1
SS/RST
Slave Select
2
MOSI
Master out/Slave in Data
3
MISO
Master in/ Slave out Data
4
SCK
Serial Clock
5
GND
Power supply ground
6
VCC
Power supply (3.3V)
Connector J2 – UART/TWI Communications
Pin
Signal
Description
1
SCL
TWI clock
2
SDA
TWI data
3
TXD
UART transmit data
4
RXD
UART receive data
5
GND
Power supply ground
6
VCC
Power supply (3.3V)
Connector J4 & J5 – TWI Daisy Chain
Pin
Signal
Description
1
SCL
TWI clock
2
SDA
TWI data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com