Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG6002EB115 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG6002EB115
Description  Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG6002EB115 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG6002EB115 Datasheet HTML 1Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 2Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 3Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 4Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 5Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 6Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 7Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 8Page - NXP Semiconductors PMEG6002EB115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PMEG6002EB_PMEG6002TV_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 24 November 2006
3 of 10
NXP Semiconductors
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
60
V
IF
forward current
Tamb ≤ 25 °C
-
0.2
A
IFRM
repetitive peak forward current
tp ≤ 1 ms;
δ≤ 0.25
-2
A
IFSM
non-repetitive peak forward
current
square wave;
tp =8ms
[1] -
2.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
PMEG6002EB
[1] -
300
mW
PMEG6002TV
[1] -
200
mW
[2] -
300
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
PMEG6002TV
[1] -
300
mW
[2] -
400
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com