Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2610 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-2610
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-2610 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-2610 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-2610 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
Pinout of ADNS-2610 Optical Mouse Sensor
Pin Number
Pin
Description
1
OSC_IN
Oscillator input
2
OSC_OUT
Oscillator output
3
SDIO
Serial data (input and output)
4
SCK
Serial port clock (Input)
5
LED_CNTL
Digital Shutter Signal Out
6
GND
System Ground
7
VDD
5V DC Input
8
REFA
Internal reference
Figure 2. Package outline drawing.
Figure 1. Mechanical drawing: top view.
5
6
7
8
LED_CNTL
GND
VDD
REFA
SCK
SDIO
OSC_OUT
OSC_IN
4
3
2
1
CAUTION: It is advisable that normal static precautions should be taken in the handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com