Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7560 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7560
Description  Optically Isolated Sigma-Delta (誇-?) Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7560 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7560 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pin Description
1
2
3
4
8
7
6
5
V DD1
V IN+
V IN-
GND1
V DD2
MCLK
MDAT
GND2
SHIELD
ISOLATION
BOUNDARY
DECODE
SIGMA-
DELTA
MOD./
ENCODE
HCPL-7560
Symbol
Description
VDD1
Supply voltage input (4.5 V to 5.5 V)
VIN+
Positive input ( ± 200mV recommended)
VIN-
Negative input (normally connected to GND1)
GND1
Input ground
VDD2
Supply voltage input (4.5 V to 5.5 V)
MCLK
Clock output (10 MHz typical)
MDAT
Serial data output
GND2
Output ground
Ordering Information
HCPL-7560 is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
Non-RoHS
Compliant
HCPL-7560
-000E
No option
300 mil DIP-8
50 per tube
-300E
-300
X
X
50 per tube
-500E
-500
X
X
X
1000 per reel
-060E
-060
X
50 per tube
-360E
-360
X
X
X
50 per tube
-560E
-560
X
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-7560-560E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/
DIN EN 60747-5-2 Safety Approval in RoHS compliant.
Example 2:
HCPL-7560 to order product of 300 mil DIP-8 package in tube packaging and non-RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com