Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-2533 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2533
Description  Eight Character 5 mm Smart Alphanumeric Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2533 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-2533 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2533 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Package Dimensions
Absolute Maximum Ratings
SupplyVoltage,VDDtoGround[1]
-0.3Vto7.0V
OperatingVoltage,VDDtoGround[2]
5.5V
InputVoltage,AnyPintoGround
-0.3VtoVDD+0.3V
FreeAirOperatingTemperatureRange,TA[3]
-40°Cto+85°C
RelativeHumidity(Noncondensing)
85%
StorageTemperatureRange,TS
-55°Cto100°C
SolderingTemperature[1.59mm(0.063in.)BelowBody]
SolderDipping
260°Cfor5secs
WaveSoldering
250°Cfor3secs
ESDProtection@1.5k­
Ω,100pF
4k­V(eachpin)
Notes:
1. MaximumvoltageiswithnoLEDsilluminated.
2. 20dotsONinalllocationsatfullbrightness.
3. See Thermal Considerations section for information about operation in high temperature
ambients.
Notes:
1. Dimensionsareinmm(inches).
2. Unlessotherwisespecified,toleranceondimensionsis±0.25mm(0.010inch).
3. Foryellowandgreendisplaysonly.
4. Mark­ingisonsideoppositepin1.
PIN # 15
SYM.
TYP.
DATE CODE (YEAR, WEEK)
LUMINOUS INTENSITY CATEGORY
COLOR BIN (3)
3.81
(0.150)
PIN # 16
1.52
(0.060)
5.31
(0.209)
2.29
(0.090)
4.57
(0.180)
[4]
4.01
(0.158)
SYM.
5.08
(0.200)
10.16
(0.400)
TYP.
0.46 0.13
(0.018 0.005)
TYP.
PIN #1
PART NUMBER
2.54 0.13
(0.100 0.005)
(TOL. NON ACCUM.)
7.62
(0.300)
REF.
0.25
(0.010)
PIN #
FUNCTION
PIN #
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RST
FL
A0
A1
A2
A3
NO PIN
NO PIN
NO PIN
A4
CLS
CLK
WR
CE
VDD
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND (SUPPLY)
THERMAL TEST
GND (LOGIC)
RD
D0
D1
NO PIN
NO PIN
NO PIN
D2
D3
D4
D5
D6
D7
PIN FUNCTION ASSIGNMENT TABLE
3
4
5
6
7
TYP.
SYM.
11.43
(0.450)
MAX.
TYP.
2.54
(0.100)
SYM.
2.68
(0.105)
42.93 (1.690) MAX.
TYP.
5.36
(0.211)
PIN #15
PIN #1 IDENTIFIER
HDSP-253x X Z
YYWW
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com