Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC565MVR56 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC565MVR56 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MPC565/MPC566 Product Brief
MOTOROLA
Detailed Feature List
1.2.5
Flexible Memory Protection Unit
Flexible memory protection units in BBC (IMPU) and L2U (DMPU)
Default attributes available in one global entry
Attribute support for speculative accesses
1.2.6
Memory Controller
Flexible chip selects via memory controller
24-bit address and 32-bit data buses
4- to 16-Mbyte (data) or 4-Gbyte (instruction) region size support
Four-beat transfer bursts, two-clock minimum bus transactions
Use with SRAM, EPROM, Flash and other peripherals
Byte selects or write enables
32-bit address decodes with bit masks
Four instruction regions
Four data regions
1.2.7
1 Mbyte of CDR3 Flash EEPROM Memory (UC3F)
•1 Mbyte Flash
— Two UC3F modules, 512 Kbytes each
Page mode read
Block (64-Kbyte) erasable
External 4.75- to 5.25-V VPP program and erase power supply
Typical endurance of 100,000 write/erase cycles @ 25ºC
Typical data retention of 100 years @ 25ºC
1.2.8
36-Kbyte Static RAM (CALRAM)
36-Kbyte static calibration RAM
— Composed of 4-Kbyte and 32-Kbyte CALRAM modules
Fast access: one clock
Keep-alive power
Soft defect detection (SDD)
4 Kbyte calibration (overlay) RAM per module (8 Kbytes total)
Eight 512-byte overlay regions per module (16 regions total)
1.2.9
General Purpose I/O Support (GPIO)
General-purpose I/O support
Address (24) and data (32) pins can be used as GPIO in single-chip mode
16 GPIO in MIOS14
Many peripheral pins can be used as GPIO when not used as primary functions
5-V outputs with slew rate control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com