Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5566MVR132 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5566MVR132
Description  MPC5566 Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5566MVR132 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5566MVR132 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5566MVR132 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Electrical Characteristics
MPC5566 Microcontroller Data Sheet, Rev. 3
Freescale
13
3.7.1
Input Value of Pins During POR Dependent on VDD33
When powering up the device, VDD33 must not lag the latest VDDSYN or RESET power pin (VDDEH6) by
more than the VDD33 lag specification listed in Table 6, spec 8. This avoids accidentally selecting the
bypass clock mode because the internal versions of PLLCFG[0:1] and RSTCFG are not powered and
therefore cannot read the default state when POR negates. VDD33 can lag VDDSYN or the RESET power
pin (VDDEH6), but cannot lag both by more than the VDD33 lag specification. This VDD33 lag specification
applies during power up only. VDD33 has no lead or lag requirements when powering down.
3.7.2
Power-Up Sequence (VRC33 Grounded)
The 1.5 V VDD power supply must rise to 1.35 V before the 3.3 V VDDSYN power supply and the RESET
power supply rises above 2.0 V. This ensures that digital logic in the PLL for the 1.5 V power supply does
not begin to operate below the specified operation range lower limit of 1.35 V. Because the internal 1.5 V
POR is disabled, the internal 3.3 V POR or the RESET power POR must hold the device in reset. Since
they can negate as low as 2.0 V, VDD must be within specification before the 3.3 V POR and the RESET
POR negate.
Figure 3. Power-Up Sequence (VRC33 Grounded)
3.7.3
Power-Down Sequence (VRC33 Grounded)
The only requirement for the power-down sequence with VRC33 grounded is if VDD decreases to less than
its operating range, VDDSYN or the RESET power must decrease to less than 2.0 V before the VDD power
increases to its operating range. This ensures that the digital 1.5 V logic, which is reset only by an ORed
POR and can cause the 1.5 V supply to decrease less than its specification value, resets correctly. See
Table 6, footnote 1.
VDDSYN and RESET Power
VDD
2.0 V
1.35 V
VDD must reach 1.35 V before VDDSYN and the RESET power reach 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com