Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8247CVRMIBA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8247CVRMIBA
Description  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8247CVRMIBA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8247CVRMIBA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8247CVRMIBA Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
12
Freescale Semiconductor
DC Electrical Characteristics
5 MPC8272 and MPC8271 only.
Table 6.
Characteristic
Symbol
Min
Max
Unit
Input high voltage—all inputs except TCK, TRST and PORESET1
VIH
2.0
3.465
V
Input low voltage
VIL
GND
0.8
V
CLKIN input high voltage
VIHC
2.4
3.465
V
CLKIN input low voltage
VILC
GND
0.4
V
Input leakage current, VIN = VDDH
2
IIN
—10
µA
Hi-Z (off state) leakage current, VIN = VDDH
2
IOZ
—10
µA
Signal low input current, VIL = 0.8 V
3
IL
—1
µA
Signal high input current, VIH = 2.0 V
IH
—1
µA
Output high voltage, IOH = –2 mA
except UTOPIA mode, and open drain pins
In UTOPIA mode4 (UTOPIA pins only): IOH = -8.0mA
VOH
2.4
—
V
In UTOPIA mode4 (UTOPIA pins only): IOL = 8.0mA
VOL
—0.5
V
IOL = 6.0mA
BR
BG
ABB/IRQ2
TS
A[0-31]
TT[0-4]
TBST
TSIZE[0–3]
AACK
ARTRY
DBG
DBB/IRQ3
D[0-63]
//EXT_BR3
//EXT_BG3
/TBEN/EXT_DBG3/CINT
PSDVAL
TA
TEA
GBL/IRQ1
CI/BADDR29/IRQ2
WT/BADDR30/IRQ3
BADDR31/IRQ5/CINT
CPU_BR
IRQ0/NMI_OUT
/PCI_RST
HRESET
SRESET
RSTCONF
VOL
—0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com