Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536DS Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8536DS
Description  MPC8536E PowerQUICC III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536DS Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8536DS Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 126Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
MPC8536E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 5
Ordering Information
Freescale Semiconductor
122
4.1
Part Numbers Fully Addressed by this Document
This table shows the part numbering nomenclature.
4.2
Part Marking
Parts are marked as in the example shown in the following figure.
Figure 80. Part Marking for FC-PBGA
Table 82. Part Numbering Nomenclature
MPC
nnnn
E
C
VT
AA
X
R
Product
Code
Part
Identifier
Security
Engine
Tiers and Temperature
Range
Package 1
Processor
Frequency 2
DDR
Frequency3
Revision Level
MPC
8536
E = included
• A = Commercial tier
standard temperature
range (0
° to 90°C)
• B or Blank = industrial
tier standard
temperature range (0
°
to 105
°C)
• C = Industrial tier
extended temperature
range (–40
° to 105°C)
• VT = FC-PBGA
• (Pb-free)
• PX = plastic
standard
• AK = 600 MHz
• AN = 800 MHz
• AQ = 1000 MHz
• AT = 1250 MHz
• AU = 1333 MHz
• AV = 1500 MHz
• G = 400 MHz
• H = 500 MHz
• J = 533 MHz
• L = 667 MHz
Blank = Ver. 1.0
or 1.1 (SVR =
0x803F0090,
0x803F0091)
A = Ver. 1.2
• (SVR =
0x803F0092)
Blank = not
included
Blank = Ver. 1.0
or 1.1 (SVR =
0x80370090,
0x80370091)
A = Ver. 1.2
• (SVR =
0x80370092)
Notes:
1. See Section 5, “Package Information,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification support
all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core frequencies.
3. See Table 84 for the corresponding maximum platform frequency.
MMMMM CCCCC
YWWLAZ
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWW is the traceability code.
FC-PBGA
MPC853nVTnnnn
ATWLYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com