Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536DS Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC8536DS
Description  MPC8536E PowerQUICC III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536DS Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC8536DS Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 126Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 125 / 126 page
background image
Product Documentation
MPC8536E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 5
Freescale Semiconductor
125
2.
Dimensions and tolerances per ASME Y14.5M-1994.
3.
Maximum solder ball diameter measured parallel to datum A
4.
Datum A, the seating plane, is determined by the spherical crowns of the solder balls.
5.
Capacitors may not be present on all devices
6.
Caution must be taken not to short exposed metal capacitor pads on package top.
7.
All dimensions are symmetric across the package center lines, unless dimensioned otherwise.
6
Product Documentation
The following documents are required for a complete description of the chip and are needed to design properly with the part.
•
MPC8536E PowerQUICC III Integrated Processor Reference Manual (document number: MPC8536ERM)
•
e500 PowerPC Core Reference Manual (document number: E500CORERM)
7
Document Revision History
This table provides a revision history for this hardware specification.
Table 85. Document Revision History
Revision
Date
Substantive Change(s)
5
09/2011
• Removed PVDD from Table 1, “Pinout Listing.”
4
06/2011
• In Table 1, “Pinout Listing,” updated the power supply for TSEC3 pins to TVDD.
• Updated Table 56, “eSDHC AC Timing Specifications.”
•In Section 4.3, “Part Numbering,” added an extra bin (1250/500/667) to support DDR3.
3
11/2010
• In Table 1, “Pinout Listing,” added the following note: “For systems that boot from Local Bus
(GPCM)-controlled NOR flash or (FCM) controlled NAND flash, a pullup on LGPL4 is required...”
In addition, updated footnote 26 and added footnote 29 to PCI1_AD.
• Updated Table 21
• Updated Figure 25, “RGMII and RTBI AC Timing and Multiplexing Diagrams.”
•In Table 44, “MII Management DC Electrical Characteristics,” changed the Voh/Vol values for
MDIO/MDC.
• Added Note 6 regarding USB
n_DIR pin to Table 47, “USB General Timing Parameters6.”
•In Table 64, “I2C AC Electrical Specifications,” updated footnote 2.
•In Table 82, Table 83, Table 84, added the Revision Level A for Rev 1.2
2
09/2009
Note:
•In Section 1, “Pin Assignments and Reset States,”updated the first sentence of the note to say, “The
UART_SOUT[0:1] and TEST_SEL pins must be set to a proper state during POR configuration.”
•In Table 40, “SGMII DC Receiver Electrical Characteristics,” changed LSTSAB to LSTSA and
LSTSEF to LSTSE for Note 4.
Note: Updated Figure 81, “Mechanical Dimensions and Bottom Surface Nomenclature of the
FC-PBGA,” and its notes.
1
09/2009
• In Table 5, ”Power Dissipation 5,” changed an “—”’ to “0.”
0
08/2009
• Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com