Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9825TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9825TR
Description  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825TR Datasheet(HTML) 2 Page - STMicroelectronics

  L9825TR Datasheet HTML 1Page - STMicroelectronics L9825TR Datasheet HTML 2Page - STMicroelectronics L9825TR Datasheet HTML 3Page - STMicroelectronics L9825TR Datasheet HTML 4Page - STMicroelectronics L9825TR Datasheet HTML 5Page - STMicroelectronics L9825TR Datasheet HTML 6Page - STMicroelectronics L9825TR Datasheet HTML 7Page - STMicroelectronics L9825TR Datasheet HTML 8Page - STMicroelectronics L9825TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
L9825
2/11
PIN CONNECTION (Top view)
PIN DESCRIPTION
N°
Pin
Function
1
GND
device ground
2
NON1
control input 1
3
SDO
serial data output
4
Out 1
output 1
5
Out 3
output 3
6
Out 5
output 5
7
Out 7
output 7
8
SDI
serial data input
9
CLK
serial clock
10
GND
device ground
11
GND
device ground
12
NON2
control input 2
13
VCC
supply voltage
14
Out 2
output 2
15
Out 4
output 4
16
Out 6
output 6
17
Out 8
output 8
18
nRes
asynchronous nRes
19
NCS
chip select (active low)
20
GND
device ground
GND
CLK
SDI
OUT7
OUT5
OUT1
OUT3
SDO
NON1
NCS
nRes
OUT8
OUT4
OUT6
OUT2
Vcc
NON2
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
GND
POWSO20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com