Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6569 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6569
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6569 Datasheet HTML 2Page - STMicroelectronics L6569 Datasheet HTML 3Page - STMicroelectronics L6569 Datasheet HTML 4Page - STMicroelectronics L6569 Datasheet HTML 5Page - STMicroelectronics L6569 Datasheet HTML 6Page - STMicroelectronics L6569 Datasheet HTML 7Page - STMicroelectronics L6569 Datasheet HTML 8Page - STMicroelectronics L6569 Datasheet HTML 9Page - STMicroelectronics L6569 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L6569 L6569A
6/13
DEMO BOARD
To allow an easy evaluation of the device, a P.C. board dedicated to lamp ballast application has been de-
signed.
Fig.11 shows the electrical schematic of a typical ballast application, while the PC and component layout is giv-
en in Fig12. This application has been designed to work with both the 110+/-20%V and the 220 +/- 20%V mains
by means of a voltage doubler configuration at the bulk capacitor. The ballast inductance and the operating fre-
quency are especially designed for a 18 W Sylvania De-luxe T/E type bulb. The PTC for preheat at the start up
and the two back to back synchronization diodes, makes this application easy to implement and safe in opera-
tion.
part
value
R1
15ohm 1W
R2, R3
22 ohm
R4
27K
R5
100K 1/2W
R6
47ohm
R7, R9
180K
R8
120K 1/2W
D1
18V zener
D2, D3
BYW100-100
D4,D5,D6,D7
1N4007
D8
1N4148
C1
560pF 50V
C2, C5
47
µF 250V
C3
4.7
µF 25V
C4
100nF 50V
C6
100nF 250V
C7-C8
8.2nF 630V
C9
470pF 630V
RV1
PTC 150ohm
Q1, Q2
STD2NB50-1
L1
2.4mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com