Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T830-8FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # T830-8FP
Description  8 A Snubberless Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T830-8FP Datasheet(HTML) 5 Page - STMicroelectronics

  T830-8FP Datasheet HTML 1Page - STMicroelectronics T830-8FP Datasheet HTML 2Page - STMicroelectronics T830-8FP Datasheet HTML 3Page - STMicroelectronics T830-8FP Datasheet HTML 4Page - STMicroelectronics T830-8FP Datasheet HTML 5Page - STMicroelectronics T830-8FP Datasheet HTML 6Page - STMicroelectronics T830-8FP Datasheet HTML 7Page - STMicroelectronics T830-8FP Datasheet HTML 8Page - STMicroelectronics T830-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T830-8FP
Characteristics
Doc ID 023366 Rev 1
5/9
Figure 11.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 12.
Relative variation of static dV/dt
immunity versus junction
temperature (typical values)
(dl / dt)c [T ] /
[T = 125 °C]
jj
(dl / dt)c
0
1
2
3
4
5
6
7
25
50
75
100
125
T (°C)
j
Tj(°C)
dV/dt [T
j]/ dV/dt [T j=125 °C]
0
1
2
25
50
75
100
125
VD=VR=537V
(dV/dt) > 5KV/µs
Figure 13.
Relative variation of critical rate of
decrease of main current versus
reapplied dV/dt (typical values)
Figure 14.
Relative variation of leakage
current versus junction
temperature
0.0
0.5
1.0
1.5
1.0
10.0
100.0
(dI/dt)c [ (dV/dt)c ] / Specified (dI/dt)c
Tj =125 °C
(dV/dt)c (V/µs)
I
/I[T ; V/ V
] / I
/I
DRM RRM
j
DRM
RRM
DRM RRM [T
j = 125 °C; 800 V]
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
T (°C)
j
V
= V
= 800 V
DRM
RRM
V
= V
= 600 V
DRM
RRM
V
= V
= 400 V
DRM
RRM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com