Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD221IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TD221IDT
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD221IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TD221IDT Datasheet HTML 1Page - STMicroelectronics TD221IDT Datasheet HTML 2Page - STMicroelectronics TD221IDT Datasheet HTML 3Page - STMicroelectronics TD221IDT Datasheet HTML 4Page - STMicroelectronics TD221IDT Datasheet HTML 5Page - STMicroelectronics TD221IDT Datasheet HTML 6Page - STMicroelectronics TD221IDT Datasheet HTML 7Page - STMicroelectronics TD221IDT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TD220/221
Electrical Characteristics
4/8
3
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, VCC=13V unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Supply
Icc
Supply current
no load at any pin, Vin<1V
Tamb=25°C
-25°C<Tj<125°C
0.7
1.0
1.2
mA
mA
Icc2
1nF GATE load,
300kHz IN signal
45
6
mA
Istby
Standby current
UVLO active
Tamb=25°C
-25°C<Tj<125°C
160
230
µA
µA
Vclamp
Clamp voltage
Icc<5mA
20
22
24
V
Input
Vton
IN Turn-on Threshold Voltage
1.8
2.1
V
Vtoff
IN Turn-off Threshold Voltage
1.0
1.3
V
Vh
IN Hysteresis
0.5
V
Iinpl
IN Input current low
Vin<0.5V
20
µA
Iinph
IN Input current high
Vin=3.3V
100
µA
Voltage regulator
Vout
Voltage reference
Iout=10mA
TD220
TD221
3.20
4.85
3.30
5
3.40
5.15
V
V
RegLoad Load Regulation
Iout change from 10mA
to 25mA
50
mV
Ipeak
Peak output current
Vout=1V
100
mA
dVout
Temperature coefficent
Iout=10mA
250
ppm/°C
Cout
Allowed capacitive load - Note 1
Iout=10mA
0.1
1
µF
Ileak
Leakage current in UVLO state
Vout=1V
10
µA
Vrip
Ripple rejection - Note 1
f=100Hz
f=10kHz
40
20
dB
dB
Vnoise
Noise voltage
100Hz<f<100kHz
1mV
tstartup
Startup time (Vout>3.1V)
Cout=1
µF
0.1
ms
tsettle
Settling time (1% final value)
Cout=1
µF
2ms
Two Point Regulator (TPR)
VTPROn
Turn-on level
13.6
V
VTPROff Turn-off level
12.4
V
VTPRH
Hysteresis
=VTPROn-VTPROff
0.23
0.29
0.35
V
VF
Forward voltage D1
IF=200mA
1.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com