Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD220I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TD220I
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD220I Datasheet(HTML) 5 Page - STMicroelectronics

  TD220I Datasheet HTML 1Page - STMicroelectronics TD220I Datasheet HTML 2Page - STMicroelectronics TD220I Datasheet HTML 3Page - STMicroelectronics TD220I Datasheet HTML 4Page - STMicroelectronics TD220I Datasheet HTML 5Page - STMicroelectronics TD220I Datasheet HTML 6Page - STMicroelectronics TD220I Datasheet HTML 7Page - STMicroelectronics TD220I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics
TD220/221
5/8
Gate Output
VOL
Output low voltage
Igate=10mA
0.5
V
VOH
Output high voltage
Igate=-10mA
VCC-2.0
V
Isink
Output sink current
Vgate=6V
Tj=25°C
-25°C < Tj < 125°C
120
300
mA
mA
Isrc
Output source current
Vgate=3V
Tj=25°C
-25°C < Tj < 125°C
60
150
mA
mA
VOL2
Output low voltage in UVLO state
Vcc=6V, Igate=1mA
2V
tgmin
Minimum output pulse width 1
Cgate=10pF
80
ns
tpd
IN to GATE propagation delay
200
ns
Under Voltage Lockout (UVLO)
UVLOH
UVLO top threshold
15
V
UVLOL
UVLO bottom threshold
7.8
8.7
V
Vhyst
UVLO Hysteresis
Vhyst=UVLOH-UVLOL
5V
1) Not 100% tested. Guaranteed by design.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com