Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD221I Datasheet(PDF) 7 Page - STMicroelectronics

Part # TD221I
Description  Gate Driver with VReg and Two Point Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD221I Datasheet(HTML) 7 Page - STMicroelectronics

  TD221I Datasheet HTML 1Page - STMicroelectronics TD221I Datasheet HTML 2Page - STMicroelectronics TD221I Datasheet HTML 3Page - STMicroelectronics TD221I Datasheet HTML 4Page - STMicroelectronics TD221I Datasheet HTML 5Page - STMicroelectronics TD221I Datasheet HTML 6Page - STMicroelectronics TD221I Datasheet HTML 7Page - STMicroelectronics TD221I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Performance Curves
TD220/221
7/8
5
TYPICAL PERFORMANCE CURVES
Fig. 3: Supply Current vs Temperature
Fig. 4: Gate Drive Sink Current vs Temperature
Fig. 5: Vreg Output Voltage vs Temperature
Fig. 6: Standby Current vs Temperature
Fig. 7: Gate Drive Source Current vs Temp.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-25
0
25
50
75
100
125
Temp (°C)
100
200
300
400
500
-25
0
25
50
75
100
125
Temp (°C)
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-25
0
25
50
75
100
125
Temp (°C)
Iout=10mA
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-25
0
25
50
75
100
125
Temp (°C)
Iout=10mA
0
50
100
150
200
250
-25
0
25
50
75
100
125
Temp (°C)
100
125
150
175
200
225
250
-25
0
25
50
75
100
125
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com