Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMMBAT42 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TMMBAT42
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TMMBAT42 Datasheet(HTML) 1 Page - STMicroelectronics

  TMMBAT42 Datasheet HTML 1Page - STMicroelectronics TMMBAT42 Datasheet HTML 2Page - STMicroelectronics TMMBAT42 Datasheet HTML 3Page - STMicroelectronics TMMBAT42 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
TMMBAT 42
TMMBAT 43
SMALL SIGNAL SCHOTTKY DIODES
DESCRIPTION
General purpose, metal to silicon diodes featuring
very low turn-on voltage fast switching.
These devices have integrated protection against
excessive voltage such as electrostatic discharges.
August 1999 Ed: 1A
MINIMELF
(Glass)
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
30
V
IF
Forward Continuous Current
Tl = 25
°C
200
mA
IFRM
Repetitive Peak Fordware Current
tp
≤ 1s
δ ≤ 0.5
500
mA
IFSM
Surge non Repetitive Forward Current
tp = 10ms
4
A
Ptot
Power Dissipation
Tl = 65
°C
200
mW
Tstg
Tj
Storage and Junction Temperature Range
- 65 to 150
- 65 to 125
°C
°C
TL
Maximum Temperature for Soldering during 15s
260
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Test Conditions
Value
Unit
Rth(j-l)
Junction-leads
300
°C/W
THERMAL RESISTANCE
1/4


Similar Part No. - TMMBAT42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT42 STMICROELECTRONICS-TMMBAT42 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results

Similar Description - TMMBAT42

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com