Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS0402 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCS0402
Description  Precision Thin Film Flat Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402 Datasheet(HTML) 2 Page - Vishay Siliconix

  MCS0402 Datasheet HTML 1Page - Vishay Siliconix MCS0402 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCS0402,MCT0603,MCU0805,MCA1206Series
ThISDoCUMENTISSUbjECTToChANGEwIThoUTNoTICE.ThEPRoDUCTSDESCRIbEDhEREINANDThISDoCUMENTARESUbjECTTo
SPECIFICDISCLAIMERS,SETFoRThATwww.vishay.com/doc?91000
VMN-PT9106-1203
2/2
PRoDUCTShEET
tHin fiLM fuse ResistORs
ON
AND TEC
1 9 6 2 - 2 0 1 2
V I S h AyI N TE R TE C h N o L o Gy,I NC .
Precision thin film flat Chip Resistors
Precision Thin Film Chip Resistors
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28700
208
Revision: 18-Dec-09
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Precision
Vishay Beyschlag
Thin Film Flat Chip Resistors combine the proven reliability
of the professional products with an advanced level of
precision and stability. Therefore they are perfectly suited for
applications in the fields of test and measuring equipment
together with industrial and medical electronics.
FEATURES
• Approved according to EN 140401-801
• Low TCR: ± 10 ppm/K to ± 25 ppm/K
• Precision tolerance of value: ± 0.1 % and ± 0.25 %
• Superior overall stability: Class 0.1 and 0.25
• Lead (Pb)-free solder contacts
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Automotive
• Test and measuring equipment
• Medical equipment
• Industrial equipment
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not exceeded.
METRIC SIZE
INCH:
0402
0603
0805
1206
METRIC:
RR 1005M RR 1608M RR 2012M RR 3216M
TECHNICAL SPECIFICATIONS
DESCRIPTION
MCS 0402
MCT 0603
MCU 0805
MCA 1206
Metric size
RR 1005M
RR 1608M
RR 2012M
RR 3216M
Resistance range
100
Ω to 221 kΩ
39
Ω to 511 kΩ
39
Ω to 1.5 MΩ
39
Ω to 2 MΩ
Resistance tolerance
± 0.25 %; ± 0.1 %
Temperature coefficient
± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
Operation mode
Precision
Standard
Precision
Standard
Precision
Standard
Precision
Standard
Climatic category (LCT/UCT/days)
10/85/56
55/125/56
10/85/56
55/125/56
10/85/56
55/125/56
10/85/56
55/125/56
Rated dissipation,
P70 (1)
0.016 W
0.063 W
0.032 W
0.1 W
0.050 W
0.125 W
0.1 W
0.25 W
Operating voltage,
Umax. AC/DC
12.5 V
50 V
25 V
75 V
35 V
150 V
50 V
200 V
Film temperature
85 °C
125 °C
85 °C
125 °C
85 °C
125 °C
85 °C
125 °C
Max. resistance change at
P70
for resistance range,
|ΔR/R| max., after:
100
Ω to 221 kΩ
39
Ω to 511 kΩ
39
Ω to 1.5 MΩ
39
Ω to 2 MΩ
1000 h
≤ 0.1 %
≤ 0.2 %
≤ 0.1 %
≤ 0.2 %
≤ 0.1 %
≤ 0.2 %
≤ 0.05 %
≤ 0.1 %
8000 h
≤ 0.2 %
≤ 0.4 %
≤ 0.2 %
≤ 0.4 %
≤ 0.2 %
≤ 0.4 %
≤ 0.1 %
≤ 0.25 %
225 000 h
≤ 0.5 %
≤ 1.0 %
≤ 0.5 %
≤ 1.0 %
≤ 0.5 %
≤ 1.0 %
≤ 0.25 %
≤ 0.5 %
Specified lifetime
225 000 h
225 000 h
225 000 h
225 000 h
Insulation voltage:
1 min;
Uins
75 V
100 V
200 V
300 V
Continuous
75 V
75 V
75 V
75 V
Failure rate: FITobserved
≤ 0.1 x 10-9/h
≤ 0.1 x 10-9/h
≤ 0.1 x 10-9/h
≤ 0.1 x 10-9/h



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com