Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-BF548 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DEV-BF548
Description  Bluetechnix Mechatronische Systeme GmbH
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEV-BF548 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DEV-BF548 Datasheet HTML 17Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 18Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 19Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 20Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 21Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 22Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 23Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 24Page - List of Unclassifed Manufacturers DEV-BF548 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Blackfin DEV-BF548-Lite. DEV-BF548DA-lite Hardware User Manual
20
153 
33 
PA11
I/O
112 
154 
34 
PA12
I/O
113 
155 
35 
PA14
I/O
115 
156 
36 
PA15
I/O
116 
157 
37 
GND
PWR
 
158 
38 
GND
PWR
 
159 
39 
3.3V
PWR
 
160 
40 
3.3V
PWR
 
161 
41 
5.0V
PWR
 
162 
42 
Vin
PWR
 
163 
43 
GND
PWR
 
164 
44 
PG3
I/O
163 
165 
45 
PG4
I/O
162 
166 
46 
PG5
I/O
161 
167 
47 
PG6
I/O
160 
168 
48 
PG7
I/O
159 
169 
49 
PG8
I/O
158 
170 
50 
PG9
I/O
157 
171 
51 
PG10
I/O
156 
172 
52 
PG11
I/O
155 
173 
53 
PG12
I/O
154 
174 
54 
PG13
I/O
153 
175 
55 
PG14
I/O
152 
176 
56 
PG15
I/O
151 
177 
57 
GND
PWR
 
178 
58 
PE0
I/O
200 
179 
59 
PE1
I/O
199 
180 
60 
PE2
I/O
198 
181 
61 
PE3
I/O
197 
182 
62 
PE4
I/O
196 
183 
63 
PE5
I/O
195 
184 
64 
PE6
I/O
194 
185 
65 
PE9
I/O
191 
186 
66 
PE10
I/O
190 
187 
67 
GND
PWR
 
188 
68 
PC8
I/O
92 
189 
69 
PC9
I/O
91 
190 
70 
PC10
I/O
90 
191 
71 
PC11
I/O
89 
192 
72 
PC12
I/O
88 
193 
73 
PC13
I/O
87 
194 
74 
PH6
I/O
28 
195 
75 
PH5
I/O
27 
196 
76 
ATAPI_PDIAG
I
134 
197 
77 
EXT_WAKEUP
O
33 
198 
78 
GND
PWR
 
199 
79 
CLKBUF
O
69 
200 
80 
GND
PWR
 
4-9 Expansion Connector X3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com