Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX631 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSX631
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX631 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSX631 Datasheet HTML 23Page - STMicroelectronics TSX631 Datasheet HTML 24Page - STMicroelectronics TSX631 Datasheet HTML 25Page - STMicroelectronics TSX631 Datasheet HTML 26Page - STMicroelectronics TSX631 Datasheet HTML 27Page - STMicroelectronics TSX631 Datasheet HTML 28Page - STMicroelectronics TSX631 Datasheet HTML 29Page - STMicroelectronics TSX631 Datasheet HTML 30Page - STMicroelectronics TSX631 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID024293 Rev 1
29/31
TSX63x, TSX63xA
Ordering information
6
Ordering information
Table 13. Order codes
Order
code
Temperature
range
No. of
channels
Package
Packing
Marking
TSX631ILT
-40 to 125 °C
1SOT23-5
Tape and reel
K27
TSX632IQ2T
2
DFN8 2x2
K27
TSX632IST
2
MiniSO8
K27
TSX634IQ4T
4
QFN16 3x3
K27
TSX634IPT
4
TSSOP14
TSX634I
TSX631IYLT
-40 to 125 °C
Automotive
grade(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced
screening according to AEC Q001 & Q 002 or equivalent are on-going.
1
SOT23-5
K188
TSX632IYST
2
MiniSO8
K188
TSX634IYPT
4
TSSOP14
TSX634IY
TSX631AILT
-40 to 125 °C
1
SOT23-5
K189
TSX632AIST
2
MiniSO8
K189
TSX634AIPT
4
TSSOP14
TSX634AI
TSX631AIYLT
-40 to 125°C
Automotive
grade(1)
1
SOT23-5
K190
TSX632AIYST
2
MiniSO8
K190
TSX634AIYPT
4
TSSOP14
TSX634AIY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com