Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX634 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSX634
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX634 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSX634 Datasheet HTML 9Page - STMicroelectronics TSX634 Datasheet HTML 10Page - STMicroelectronics TSX634 Datasheet HTML 11Page - STMicroelectronics TSX634 Datasheet HTML 12Page - STMicroelectronics TSX634 Datasheet HTML 13Page - STMicroelectronics TSX634 Datasheet HTML 14Page - STMicroelectronics TSX634 Datasheet HTML 15Page - STMicroelectronics TSX634 Datasheet HTML 16Page - STMicroelectronics TSX634 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DocID024293 Rev 1
13/31
TSX63x, TSX63xA
Electrical characteristics
Figure 2. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 3. Input offset voltage distribution at
VCC = 16 V
Figure 4. Input offset voltage distribution at
VCC = 10 V
Figure 5. Input offset voltage vs. temperature at
VCC=16 V
0246
8
10
12
14
16
0
10
20
30
40
50
T=25°C
T=-40°C
T=125°C
Vicm=Vcc/2
Supply Voltage (V)
-1500
-1000
-500
0
500
1000
1500
0
5
10
15
20
Vcc=16V
Vicm=8V
T=25°C
Input offset voltage (µV)
-250
-200
-150
-100
-50
0
50
100
150
200
250
0
5
10
15
20
25
30
35
Vcc=3.3V
Vicm=1.65V
T=25°C
Input offset voltage (µV)
-40
-20
0
204060
80
100
120
-3000
-2000
-1000
0
1000
2000
3000
Limit for TSX63x
Limit for TSX63xA
Vcc=16V
Temperature (°C)
Figure 6. Input offset voltage temperature
coefficient distribution
Figure 7. Input offset voltage vs. input common
mode voltage
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
Vcc=16V
Vicm=8V
T=25°C
ΔVio/ΔT (µV/°C)
0246
8
10
12
14
16
-1000
-800
-600
-400
-200
0
200
400
600
T=25°C
T=-40°C
T=125°C
Vcc=16V
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com