Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX634A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSX634A
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX634A Datasheet(HTML) 3 Page - STMicroelectronics

  TSX634A Datasheet HTML 1Page - STMicroelectronics TSX634A Datasheet HTML 2Page - STMicroelectronics TSX634A Datasheet HTML 3Page - STMicroelectronics TSX634A Datasheet HTML 4Page - STMicroelectronics TSX634A Datasheet HTML 5Page - STMicroelectronics TSX634A Datasheet HTML 6Page - STMicroelectronics TSX634A Datasheet HTML 7Page - STMicroelectronics TSX634A Datasheet HTML 8Page - STMicroelectronics TSX634A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
DocID024293 Rev 1
3/31
TSX63x, TSX63xA
Package pin connections
1
Package pin connections
Figure 1. Pin connections for each package (top view)
DFN8 2x2 (TSX632)
Mini-SO8 (TSX632)
TSSOP14 (TSX634)
QFN16 3x3 (TSX634)
Single
SOT23-5 (TSX631)
Dual
Quad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com