Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6764UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6764UT
Description  Low-Power, Single/Dual-Voltage Window Detectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6764UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6764UT Datasheet HTML 1Page - Maxim Integrated Products MAX6764UT Datasheet HTML 2Page - Maxim Integrated Products MAX6764UT Datasheet HTML 3Page - Maxim Integrated Products MAX6764UT Datasheet HTML 4Page - Maxim Integrated Products MAX6764UT Datasheet HTML 5Page - Maxim Integrated Products MAX6764UT Datasheet HTML 6Page - Maxim Integrated Products MAX6764UT Datasheet HTML 7Page - Maxim Integrated Products MAX6764UT Datasheet HTML 8Page - Maxim Integrated Products MAX6764UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Power, Single/Dual-Voltage Window
Detectors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.0V to 6.0V, VCC2 = 0 to 6.0V (MAX6760–MAX6762), TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA =
+25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages with respect to GND.)
VCC, VCC2, ............................................................-0.3V to +6.5V
SET, OVLATCH, MR, UVIN, OVIN ..............-0.3V to (VCC + 0.3V)
UV, RESET, OV (open drain) .................................-0.3V to +6.5V
RESET, OV, UV, UV, RESET (push-pull).....-0.3V to (VCC + 0.3V)
Input/Output Current (all pins) ............................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 7.1mW/°C above TA = +70°C)....571mW
6-Pin SOT23-6 (derate 8.7mW/°C above TA = +70°C)....696mW
8-Pin TDFN (derate 24.4mW/°C above TA = +70°C).....1951mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-Free Package................................................+260°C
Containing Lead(Pb).....................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
(Note 2)
1.0
6.0
Operating Voltage Range
VCC
MAX6760TAAA/MAX6761TAAA/
MAX6762TAAA/MAX6763/MAX6764UT-T
1.4
6.0
V
VCC = 3.6V, MAX6754–MAX6759, no load
13
30
VCC = 3.6V, MAX6763/MAX6764, no load
10
23
VCC Supply Current
ICC
VCC = 3.6V, VCC
≥ VCC2,
MAX6760/MAX6761/MAX6762, no load
13
30
µA
VCC2 Supply Current
VCC2 = 1.8V, VCC
≥ VCC2,
MAX6760/MAX6761/MAX6762
1
1.5
µA
Adjustable Bias Current
ICC2
VCC2 (MAX6760–MAX6762TA_AD_)
(Note 3)
-20
+20
nA
VCC THRESHOLD
VSET = VSB
5.750
5.875
6.000
SET = VCC
5.500
5.625
5.750
L, 5V
SET = GND
5.250
5.375
5.500
VSET = VSB
3.795
3.878
3.960
SET = VCC
3.630
3.713
3.795
T, 3.3V
SET = GND
3.465
3.548
3.630
VSET = VSB
3.450
3.525
3.600
SET = VCC
3.300
3.375
3.450
R, 3.0V
SET = GND
3.150
3.225
3.300
VSET = VSB
2.875
2.938
3.000
SET = VCC
2.750
2.813
2.875
Z, 2.5V
SET = GND
2.625
2.688
2.750
VSET = VSB
2.070
2.115
2.160
SET = VCC
1.980
2.025
2.070
VCC Overvoltage Threshold
OVTH
TA = -40°C to
+125°C,
rising VCC
W, 1.8V
SET = GND
1.890
1.935
1.980
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com