Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDT6705TC Datasheet(PDF) 2 Page - Zilog, Inc.

Part # ZDT6705TC
Description  SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDT6705TC Datasheet(HTML) 2 Page - Zilog, Inc.

  ZDT6705TC Datasheet HTML 1Page - Zilog, Inc. ZDT6705TC Datasheet HTML 2Page - Zilog, Inc. ZDT6705TC Datasheet HTML 3Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM-8 COMPLEMENTARY MEDIUM POWER
DARLINGTON TRANSISTORS
ISSUE 1 - NOVEMBER 1995
PARTMARKING DETAIL – T6705
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
NPN
PNP
UNIT
Collector-Base Voltage
VCBO
140
-140
V
Collector-Emitter Voltage
VCEO
120
-120
V
Emitter-Base Voltage
VEBO
10
-10
V
Peak Pulse Current
ICM
4-4
A
Continuous Collector Current
IC
1-1
A
Operating and Storage Temperature Range Tj:Tstg
-55 to +150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Total Power Dissipation at Tamb = 25°C*
Any single die “on”
Both die “on” equally
Ptot
2.25
2.75
W
W
Derate above 25°C*
Any single die “on”
Both die “on” equally
18
22
mW/ °C
mW/ °C
Thermal Resistance - Junction to Ambient*
Any single die “on”
Both die “on” equally
55.6
45.5
°C/ W
°C/ W
* The power which can be dissipated assuming the device is mounted in a typical manner
on a PCB with copper equal to 2 inches square.
ZDT6705
SM-8
(8 LEAD SOT223)
C1
C1
C2
C2
B1
E1
B2
E2
NPN
PNP
NPN TRANSISTOR
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
140
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
120
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=100µA
Collector Cutoff
Current
ICBO
0.01
10
µ
A
µ
A
VCB=120V
VCB=120V,Tamb=100°C
Emitter Cutoff Current IEBO
0.1
µ
A
VEB=8V
Colllector-Emitter
Cutoff Current
ICES
10
µ
A
VCES=120V
Collector-Emitter
Saturation Voltage
VCE(sat)
1.0
1.5
V
V
IC=250mA, IB=0.25mA*
IC=1A, IB=1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.8
V
IC=1A, IB=1mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.7
V
IC=1A, VCE=5V*
Static Forward
Current Transfer Ratio
hFE
2K
5K
2K
0.5K
100K
IC=50mA, VCE=5V
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
150
MHz
IC=100mA, VCE=10V
f=20MHz
Input Capacitance
Cibo
90
pF
VEB=500mV, f=1MHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
Switching Times
ton
0.5
µ
s
IC=500mA, VCE=10V
IB1=IB2=0.5mA
toff
1.6
µ
s
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical characteristics graphs see ZDT605 datasheet.
ZDT6705
3 - 369
3 - 370



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com