Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5419NETA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5419NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5419NETA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5419NETA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5419NETA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, H = VDD, L = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Maximum Continuous Current into H, L, and W
MAX5417......................................................................
±1.3mA
MAX5418......................................................................
±0.6mA
MAX5419......................................................................
±0.3mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 24.4mW/°C above +70°C) .........1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (VOLTAGE-DIVIDER MODE)
Resolution
256
Taps
Integral Nonlinearity
INL
(Note 1)
±0.5
LSB
Differential Nonlinearity
DNL
(Note 1)
±0.5
LSB
End-to-End Temperature
Coefficient
TCR
35
ppm/°C
Ratiometric Temperature
Coefficient
5
ppm/°C
MAX5417_, 50
Ω
-0.6
MAX5418_, 100k
Ω
-0.3
Full-Scale Error
MAX5419_, 200k
Ω
-0.15
LSB
MAX5417_, 50k
Ω
0.6
MAX5418_, 100k
Ω
0.3
Zero-Scale Error
MAX5419_, 200k
Ω
0.15
LSB
DC PERFORMANCE (VARIABLE-RESISTOR MODE)
VDD = 3V
±3
Integral Nonlinearity
(Note 2)
INL
VDD = 5V
±1.5
LSB
VDD = 3V, MAX5417_, 50k
Ω
-1
+2
VDD = 3V, MAX5418_, 100k
Ω
±1
VDD = 3V, MAX5419_, 200k
Ω
±1
Differential Nonlinearity
(Note 2)
DNL
VDD = 5V
±1
LSB
DC PERFORMANCE (RESISTOR CHARACTERISTICS)
Wiper Resistance
RW
VDD = 3V to 5.25V (Note 3)
325
675
Ω
Wiper Capacitance
CW
10
pF
MAX5417_
37.5
50
62.5
MAX5418_
75
100
125
End-to-End Resistance
RHL
MAX5419_
150
200
250
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com