Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD1V331MNL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCD1V331MNL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD1V331MNL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UCD1V331MNL1GS Datasheet HTML 1Page - Nichicon corporation UCD1V331MNL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Cap. (
µF)
Code
V
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
series
1
2.2
3.3
4.7
10
15
22
27
33
47
56
68
100
150
220
330
390
470
680
1000
1500
2200
3300
010
2R2
3R3
4R7
100
150
220
270
330
470
560
680
101
151
221
331
391
471
681
102
152
222
332
1.35
1.35
0.70
1.35
0.70
0.70
0.36
0.70
0.36
0.36
0.36
0.32
0.26
0.16
0.18
0.16
0.18
0.16
0.08
0.08
0.08
90
90
160
90
160
160
240
160
240
240
240
290
300
600
600
600
600
600
850
950
1100
4
× 5.8
4
× 5.8
5
× 5.8
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 7.7
8
× 10
10
× 10
10
× 13.5
12.5
× 13.5
1.35
0.70
1.35
0.70
0.36
0.36
0.36
0.36
0.36
0.32
0.26
0.16
0.18
0.16
0.18
0.08
0.08
0.08
0.08
90
160
90
160
240
240
240
240
240
290
300
600
600
600
600
850
850
950
1100
4
× 5.8
5
× 5.8
4
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 7.7
10
× 10
10
× 10
10
× 13.5
12.5
× 13.5
1.35
1.35
1.35
0.70
0.70
0.36
0.70
0.36
0.36
0.36
0.36
0.32
0.32
0.26
0.16
0.18
0.16
0.18
0.08
0.08
0.08
90
90
90
160
160
240
160
240
240
240
240
290
290
300
600
600
600
600
850
950
1100
4
× 5.8
4
× 5.8
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7 
8
× 10
10
× 7.7 
10
× 10
10
× 13.5
12.5
× 13.5
1.35
0.70
0.70
0.36
0.70
0.36
0.36
0.36
0.36
0.32
0.26
0.16
0.18
0.16
0.18
0.16
0.08
0.08
0.08
0.035
90
160
160
240
160
240
240
240
240
290
300
600
600
600
600
600
850
950
1100
1800
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 7.7
8
× 10
10
× 10
10
× 13.5
12.5
× 13.5
16
× 16.5
1.35
1.35
0.70
0.70
0.36
0.36
0.32
0.32
0.16
0.16
0.18
0.16
0.18
0.08
0.08
0.08
0.08
0.035
90
90
160
160
240
240
290
290
600
600
600
600
600
850
950
1100
1100
1800
4
× 5.8
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
8
× 10
8
× 10
10
× 7.7
8
× 10
10
× 7.7
10
× 10
10
× 13.5
12.5
× 13.5
12.5
× 13.5
16
× 16.5
2.70
2.70
2.70
2.70
1.50
0.86
0.86
0.66
0.63
0.66
0.63
0.32
0.36
0.16
0.16
0.14
0.12
0.12
0.073
0.073
60
60
60
60
90
170
170
195
200
195
200
350
330
700
700
800
900
900
1610
1610
4
× 5.8
4
× 5.8
4
× 5.8
4
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
10
× 10
10
× 10
10
× 13.5
12.5
× 13.5
12.5
× 13.5
16
× 16.5
16
× 16.5
Case size
φD × L
(mm)
63
1J
80
1K
100
2A
3.3
4.7
10
22
33
47
68
100
150
220
330
470
680
3R3
4R7
100
220
330
470
680
101
151
221
331
471
681
3.00
1.50
1.20
1.20
0.65
0.65
0.35
0.35
0.16
0.16
0.082
0.08
50
80
120
120
250
250
400
400
800
800
1410
1690
5
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
8
× 10
10
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
16
× 16.5
18
× 16.5
5.00
3.00
2.40
2.40
1.30
1.30
0.70
0.32
0.32
0.32
0.17
0.15
25
40
60
60
130
130
200
500
500
500
793
917
5
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
12.5
× 13.5
16
× 16.5
18
× 16.5
1.30
0.70
0.32
0.32
0.17
0.17
0.15
0.15
130
200
500
500
793
793
917
917
8
× 10
10
× 10
12.5
× 13.5
12.5
× 13.5
16
× 16.5
16
× 16.5
18
× 16.5
18
× 16.5
Case size
φD × L
(mm)
Rated
ripple
Impedance
Rated
ripple
Impedance
Max. Impedance (
Ω) at 20°C 100kHz, Rated ripple current (mArms) at 105°C 100kHz
Frequency
Coefficient
50Hz
0.35
120Hz
0.50
300Hz
0.64
1kHz
0.83
10kHz or more
1.00
Dimensions
Cap. (
µF)
Code
V
Frequency coefficient of rated ripple current
: In this case, 6 will be put at 12th digit of type numbering system.
CD
Taping specifications are given in page 23.
Recommended land size, soldering by refrow are given
in page 18, 19.
Please refer to page 3 for the minimum order quantity.
CAT.8100B-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com