Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Am79C940BVC Datasheet(PDF) 3 Page - Rochester Electronics

Part # Am79C940BVC
Description  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

Am79C940BVC Datasheet(HTML) 3 Page - Rochester Electronics

  Am79C940BVC Datasheet HTML 1Page - Rochester Electronics Am79C940BVC Datasheet HTML 2Page - Rochester Electronics Am79C940BVC Datasheet HTML 3Page - Rochester Electronics Am79C940BVC Datasheet HTML 4Page - Rochester Electronics Am79C940BVC Datasheet HTML 5Page - Rochester Electronics Am79C940BVC Datasheet HTML 6Page - Rochester Electronics Am79C940BVC Datasheet HTML 7Page - Rochester Electronics Am79C940BVC Datasheet HTML 8Page - Rochester Electronics Am79C940BVC Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
79C940
Specification Number 79C940B-CI (A) Rev C
Page 3 of 13
Rochester Part Number
AMD Part Number
Package
Temperature
Am79C940B-16JC
Am79C940B-16JC
LDCC-84, Plastic
0° to +70°C
Am79C940B-25JC
Am79C940B-25JC
LDCC-84, Plastic
0° to +70°C
Am79C940BJC
Am79C940BJC
LDCC-84, Plastic
0° to +70°C
Am79C940BJI
Am79C940BJI
LDCC-84, Plastic
-40° to +85°C
Am79C940BKC
Am79C940BKC
TPAK-100, Plastic
0° to +70°C
Am79C940BKC/W
Am79C940BKC/W
QFP-100, Plastic
0° to +70°C
Am79C940BKI
Am79C940BKI
TPAK-100, Plastic
-40° to +85°C
Am79C940BKI/W
Am79C940BKI/W
QFP-100, Plastic
-40° to +85°C
Am79C940BVC
Am79C940BVC
TPAK-80, Plastic
0° to +70°C
Am79C940BVC/W
Am79C940BVC/W
TQFP-80, Plastic
0° to +70°C
Am79C940BVI
Am79C940BVI
TPAK-80, Plastic
-40° to +85°C
Am79C940BVI/W
Am79C940BVI/W
TQFP-80, Plastic
-40° to +85°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com