| Electronic Components Datasheet Search |
|
PIC24FJ32GA004 Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ32GA004 Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() 2009-2013 Microchip Technology Inc. DS80000470H-page 21 PIC24FJ64GA004 FAMILY APPENDIX A: DOCUMENT REVISION HISTORY Rev A Document (5/2009) Initial release of this document; issued for Silicon Revision B5. Incorporates the following current and historical silicon issues from Revision A3 and B4: •1 (JTAG) • 2 (Low-Voltage Detect) • 3-6 (Core) • 7-9 (A/D) •10 (I2C – I2C1 and SDA Line State) • 11-16 (UART) • 17 (Output Compare) • 18-20 (SPI) • 21-22 (I/O Ports) •23 (JTAG) • 24 (RTCC) • 25-26 (I2C) •27 (UART) • 28 (I/O – Peripheral Pin Select) • 29 (UART – UERIF Interrupt) • 30 (UART – FIFO Error Flags) • 31 (Core – BOR) • 32 (Core – Instruction Set) • 33 (Memory – Program Space Visibility) • 34 (RTCC) • 35 (SPI – Master Mode) •36 (I2C – Master Mode) •37 (I2C – Slave Mode) •38 (I2C) •39 (UART) • 40 (Oscillator – SOSC) • 41 (Voltage Regulator) • 42 (Core – Code Protection) • 43 (SPI) • 44 (Core) For data sheet clarifications: Includes Data Sheet Clarifications 1 (Electrical Characteristics), 2 (10-Bit High-Speed A/D Converter), 3 (I/O Ports), 4 (Oscillator Configuration), 5-6 (Special Features) and 7-9 (Electrical Characteristics). This document replaces these errata documents: • “PIC24FJ64GA004 Family Revision A3 Silicon Errata” (DS80316) • “PIC24FJ64GA004 Family Revision B4 Silicon Errata” (DS80384) • “PIC24FJ64GA004 Family Data Sheet Errata” (DS80333) Rev B Document (7/2009) Amended existing Silicon Revision A3 as joint Revision A3/A4. Added silicon issue 45 (UART) to Silicon Revision A3/A4. Added Silicon Revision B5; includes existing issues 16 (UART), 29 (UART – UERIF Interrupt), 30 (UART – FIFO Error Flags), 30 (Core), 33 (Memory – Program Space Visibility), 34 (RTCC), 36 (I2C – Master Mode), 37 (I2C – Slave Mode), 39 (UART), 43 (SPI) and 44 (Core). No new silicon issues added for this revision. Revised issue 25 (I2C) with additional information, differ- entiating erroneous bit behavior from misinterpretation of the bit state. Added data sheet clarification 10 (I2C). Rev C Document (2/2010) Removed existing issue 44 (Core) entirely; issue 45 (UART – IrDA) is now renumbered as issue 44. Added new issues 45 (Core), 46 and 47 (SPI – Master Mode), 48 (SPI – Framed SPI Modes), 49 (Core – Data SRAM) and 50 (I/O – PORTA and PORTB) to various existing silicon revisions. Added Silicon Revision B8; includes newly added and existing issues 16 (UART), 29 (UART – UERIF Inter- rupt), 30 (UART – FIFO Error Flags), 31 (Core – BOR), 33 (Memory – Program Space Visibility), 34 (RTCC), 36 (I2C – Master Mode), 37 (I2C – Slave Mode), 39 (UART), 43 (SPI), 45 (Core), 46 through 47 (SPI – Master Mode), 48 (SPI – Framed SPI Modes) and 50 (I/O – PORTA and PORTB). Removed all data sheet clarifications as they are addressed in the new revision of the data sheet. Amended revision history to include the addition of Silicon Revision B5 to this document. Rev D Document (3/2010) Updated silicon issue 50 (I/O – PORTA and PORTB) by removing PORTB issues not relevant to this device family. Added data sheet clarification 1 (Electrical Specifica- tions – DC Characteristics) to Revision D of the data sheet. Rev E Document (9/2010) Added silicon issue 51 (A/D Converter), added data sheet clarification issues 1 (Guidelines For Getting Started with 16-Bit Microcontrollers) and 2 (Electrical Characteristics ). Removed Table 27-10 because Table 27-3, a newer version, has been added. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |