Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-424-EXL-R1 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-424-EXL-R1
Description  HEAT SINK THERMAL RESISTANCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-424-EXL-R1 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-424-EXL-R1 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For more information, to find a distributor or to place an order, visit www.Qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-424-EXL-R1
Features & Benefits
ATS Extrusion Profiles
*Image above is for illustration purposes only.
See chart below for actual data.
NoTES:
Thermal curve based on 76 mm length.
Thermal performance data are provided for reference only. Actual
performance may vary by application.
ATS reserves the right to update or change its products without notice to
improve the design or performance.
Contact ATS to learn about custom options available.
1)
2)
3)
4)
431.8 mm
188 mm
16.5 mm
4.9 mm
4 mm
NONE
Thermal Performance
HEAT SINK THERMAL RESISTANCE
Aluminum extrusions are the most cost-
effective solution for the majority of
electronic cooling applications
This extrusion profile has 35 fins
Extrusion type is straight fin
Surface area (in2/in) is 49.50
»
»
»
»
Product Details
188
(3)
16.5
(0.65)
4
(0.16)
4.9
(0.19)
LENGTH
WIDTH
HEIGHT
FIN SPACING
BASE THICKNESS
FINISH


Similar Part No. - ATS-424-EXL-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS-428 ETC1-ATS-428 Datasheet
33Kb / 1P
ADSL TRANSFORMER
ATS-428C ETC1-ATS-428C Datasheet
41Kb / 1P
ADSL TRANSFORMER
More results

Similar Description - ATS-424-EXL-R1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
Advanced Thermal Soluti...
ATS-312-EXL-R0 ATS-ATS-312-EXL-R0 Datasheet
2Mb / 1P
HEAT SINK THERMAL RESISTANCE
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
logo
Infineon Technologies A...
BSC037N08NS5 INFINEON-BSC037N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-17
BSC072N08NS5 INFINEON-BSC072N08NS5 Datasheet
1Mb / 12P
Superior thermal resistance
Rev.2.0,2014-12-27
IPA060N06N INFINEON-IPA060N06N Datasheet
1Mb / 11P
Superior thermal resistance
Rev.2.1
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com