Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG613PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVG613PBF
Description  HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG613PBF Datasheet(HTML) 1 Page - International Rectifier

  PVG613PBF Datasheet HTML 1Page - International Rectifier PVG613PBF Datasheet HTML 2Page - International Rectifier PVG613PBF Datasheet HTML 3Page - International Rectifier PVG613PBF Datasheet HTML 4Page - International Rectifier PVG613PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10058 revH
Series PVG613PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
General Description
The PVG613 Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s proprietary HEXFET power
MOSFET as the output switch, driven by an integrated
circuit photovoltaic generator of novel construction. The
output switch is controlled by radiation from a GaAlAs
light emitting diode (LED) which is optically isolated
from the photovoltaic generator.
These units exceed the performance capabilities of
electromechanical relays in operating life, sensitivity,
stable on-resistance, low off-state leakage, miniatur-
ization, insensitivity to magnetic fields and ruggedess.
The compact PVG613 is particularly suited for isolated
switching of high currents from 12 to 48 Volt AC or DC
power sources.
Series PVG613 Relays are packaged in a 6-pin,
molded DIP package with either thru-hole or surface
mount (gull-wing) terminals. It is available in standard
plastic shipping tubes or on tape-and-reel. Please refer
to Part Identification information opposite.
Application
Features
Bounce-free operation
High load current capacity
Extremely low off-state leakage
Linear AC/DC operation
4,000 V
RMS I/O Isolation
Solid-State reliability
UL recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
Industrial Control
Computers and Peripheral Devices
Audio Equipment
Power Supplies and Power Distribution
Factory Automation
Part Identification
PVG613PbF
thru-hole
PVG613SPbF
surface-mount
PVG613S-TPbF
surface-mount, tape
and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
www.irf.com
1


Similar Part No. - PVG613PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG613PBF IRF-PVG613PBF Datasheet
215Kb / 6P
Bounce-free operation
PVG613PBF IRF-PVG613PBF_15 Datasheet
215Kb / 6P
Bounce-free operation
More results

Similar Description - PVG613PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVG612 IRF-PVG612 Datasheet
274Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVG613 IRF-PVG613 Datasheet
108Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVG612A IRF-PVG612A Datasheet
112Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVG612PBF IRF-PVG612PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com