Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM24DIN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EM24DIN
Description  Energy Management Energy Analyzer Type EM24 DIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM24DIN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EM24DIN Datasheet HTML 3Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 4Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 5Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 6Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 7Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 8Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 9Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 10Page - List of Unclassifed Manufacturers EM24DIN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Specifications are subject to change without notice
EM24 DIN DS 051110
7
EM24 DIN
Self supplied version
AV9-AV0 models
“XX” and “O2” options
only: -20% +15%, 48-
62Hz. “R2”, “XS” and “IS”
options only: -15% +10%,
48-62Hz.
AV2 model:
“XX”, “O2”, “IS” and “DP”
options: -15% +15%, 48-
62Hz. In case of 3-phase
system, 4-wire connection:
113 to 265V. In case of 3-
phase system, 3-wire con-
nection: 196 to 460V.
Note
The instruments provided
with “IS” and “R2” options
work only if all the voltage
inputs are connected (3-
phase and neutral) if a 1-
phase connection has to
be performed the L1 and
L2 voltage inputs have to
be short circuited. The
instrument provided with
“O2” option, working in a
3-phase system with neu-
tral may work also if one or
two phases are missing.
Auxiliary power supply
AV5-AV6 modules:
L: 18 to 60VAC/DC;
D: 115VAC/230VAC
(48 to 62Hz)
Power consumption
AV9-AV2-AV0 models
≤ 20VA/1W
AV9-AV2-AV0 models
(IS and DP option only)
≤ 12VA/2W
AV5-AV6 models
≤ 2VA/2W
Power supply specifications
Screws tightening torque:
0.5 Nm
Cable cross-section area
AV5-AV6 models
Max. 1.5 mm2
Screws tightening torque:
0.5 Nm
Housing DIN
Dimensions (WxHxD)
71 x 90 x 64.5 mm
Material
Nylon PA66,
self-extinguishing: UL 94 V-0
Mounting
DIN-rail
Protection degree
Front
IP50
Screw terminals
IP20
Weight
Approx. 400 g (packing
included)
Standard compliance
Safety
IEC60664, IEC61010-1
EN60664, EN61010-1
EN62052-11.
Metrology
EN62053-23, EN50470-3.
MID ”annex MI-003”
Pulse output
DIN43864, IEC62053-31
Approvals
CE, cULus listed (AV5, AV6,
options only) MID (PF
option only)
Connections
Screw-type
Cable cross-section area
AV0-AV2-AV9 models
Max. 16 mm2;
Min. 2.5 mm2 (measuring
inputs); Min./Max. screws
tightening torque: 1.7 Nm /
3 Nm
Other inputs: 1.5 mm2
General specifications (cont.)
Output
Model
Note
Open collector output
“AV0” and “AV9” models with “O2” option
The meter works even if up to two voltages “phase
to neutral” are missing or if one voltage “phase to
phase” is missing.
Relay output
“AV0” and “AV9” models with “R2” option
The neutral wire has always to be available. The
meter works even if “Phase 3” is missing but,
mandatorily, both “phase 1” and “Phase 2” have to
be available.
RS485 port
“AV0” and “AV9” models with “XS” and “IS”
options
Dupline port
“AV2” model with “DP” option
The meter works even if up to two voltages “phase
to neutral” are missing or if one voltage “phase to
phase” is missing.
Relay output
“AV2” model with “R2” option
RS485 port
“AV2” model with “XS”, “IS” options
Working mode notes (only “Self power supply” version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com