Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC110 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KBPC110
Description  Single Phase Rectifier Bridge, 3 A, 6 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC110 Datasheet(HTML) 2 Page - Vishay Siliconix

  KBPC110 Datasheet HTML 1Page - Vishay Siliconix KBPC110 Datasheet HTML 2Page - Vishay Siliconix KBPC110 Datasheet HTML 3Page - Vishay Siliconix KBPC110 Datasheet HTML 4Page - Vishay Siliconix KBPC110 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93585
2
Revision: 23-Dec-08
KBPC1, KBPC6 Series
Vishay High Power Products
Single Phase Rectifier
Bridge, 3 A, 6 A
Fig. 1 - Case Temperature Ratings
Fig. 2 - Case Temperature Ratings
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
KBPC1
KBPC6
UNITS
Maximum DC output current
IO
TC = 50 °C, resistive or inductive load
3.0
6.0
A
TC = 50 °C, capacitive load
2.4
4.7
Maximum peak one cycle,
non-repetitive surge current
IFSM
t = 10 ms, 20 ms
Following any rated load
condition and with rated
VRRM reapplied
50
125
t = 8.3 ms, 16.7 ms
55
137
Maximum I2t capability for fusing
I2t
t = 10 ms
Initial TJ = TJ maximum
100 % VRRM reapplied
12.5
78
A2s
t = 8.3 ms
11.4
71
t = 10 ms
17.7
110
t = 8.3 ms
16.1
1000
Maximum I2
√t capability for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
177
1105
A2
√s
Maximum peak forward voltage per diode
VFM
IFM = 0.5 x IO, TJ = 25 °C
1.1
1.2
V
Typical peak reverse leakage per diode
IRM
TJ = 25 °C, 100 % VRRM
10
10
mA
TJ = 150 °C, 100 % VRRM
1.0
1.0
Operating frequency range
f
40 to 1000
Hz
Maximum repetitive peak reverse
voltage range
VRRM
50 to 1000
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
KBPC1
KBPC6
UNITS
Operating and storage temperature range
TJ, TStg
- 40 to 150
°C
Thermal resistance, junction to case
RthJC
--
K/W
Approximate weight
56g
0.18
0.21
oz.
Maximum Allowable Case Temperature (°C)
0
20
60
140
100
40
80
120
160
0.0
0.5
4.0
2.5
2.0
1.5
1.0
3.0
3.5
93585_01
Resistive, inductive load
KBPC1...
Capacitive load
Maximum Allowable Case Temperature (°C)
0
20
60
140
100
40
80
120
160
0
1
2
8
6
5
4
3
7
93585_02
Resistive, inductive load
KBPC6...
Capacitive load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com