Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544BCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5544BCPZ-R2
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544BCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD5544BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5544/AD5554
Rev. G | Page 3 of 24
SPECIFICATIONS
AD5544 ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 5.5 V, VSS = 0 V, IOUTx = virtual GND, AGNDx = 0 V, VREFA = VREFB = VREFC = VREFD = 10 V, TA = full operating temperature
range of −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Condition/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
N
1 LSB = VREFx/216 = 153 µV when VREF = 10 V
16
Bits
Relative Accuracy
INL
AD5544BRSZ
±1
LSB
AD5544ARSZ
±2
LSB
AD5544BCPZ
±1
LSB
AD5544ACPZ-1
±4
LSB
Differential Nonlinearity
DNL
AD5544BRSZ
±1
LSB
AD5544ARSZ
±1.5
LSB
AD5544BCPZ
±1
LSB
AD5544ACPZ-1
±1
LSB
Output Leakage Current
IOUTx
Data = 0x0000, TA = 25°C
10
nA
Data = 0x0000, TA = 85°C
20
nA
Full-Scale Gain Error
GFSE
Data = 0xFFFF
±0.75
±3
mV
Full-Scale Tempco2
TCVFS
1
ppm/°C
Feedback Resistor
RFBx
VDD = 5 V
4
6
8
kΩ
REFERENCE INPUT
VREFx Range
VREFx
−15
+15
V
Input Resistance
RREFx
4
6
8
kΩ
Input Resistance Match
RREFx
Channel-to-channel
0.35
%
Input Capacitance2
CREFx
5
pF
ANALOG OUTPUT
Output Current
IOUTx
Data = 0xFFFF
1.25
2.5
mA
Output Capacitance2
COUTx
Code dependent
35
pF
LOGIC INPUT AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
1
µA
Input Capacitance2
CIL
10
pF
Logic Output Low Voltage
VOL
IOL = 1.6 mA
0.4
V
Logic Output High Voltage
VOH
IOH = 100 µA
4
V
INTERFACE TIMING2, 3
Clock Width High
tCH
25
ns
Clock Width Low
tCL
25
ns
CS to Clock Setup
tCSS
0
ns
Clock to CS Hold
tCSH
25
ns
Clock to SDO Propagation
Delay
tPD
2
20
ns
Load DAC Pulse Width
tLDAC
25
ns
Data Setup
tDS
20
ns
Data Hold
tDH
20
ns
Load Setup
tLDS
5
ns
Load Hold
tLDH
25
ns
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
2.7
5.5
V
Positive Supply Current
IDD
Logic inputs = 0 V
5
µA
Negative Supply Current
ISS
Logic inputs = 0 V, VSS = −5 V
0.001
9
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com