Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5625RBCPZ-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # AD5625RBCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625RBCPZ-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5625RBCPZ-R2 Datasheet HTML 27Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 30Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 31Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 32Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 33Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 34Page - Analog Devices AD5625RBCPZ-R2 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 31 of 36
POWER-ON RESET AND SOFTWARE RESET
The AD56x5R/AD56x5 contain a power-on reset circuit that
controls the output voltage during power-up. The 10-lead
version of the device powers up to 0 V. The 14-lead version has
a power-on reset (POR) pin that allows the output voltage to
be selected. By connecting the POR pin to GND, the AD56x5R/
AD56x5 output powers up to 0 V; by connecting the POR pin to
VDD, the AD56x5R/AD56x5 output powers up to midscale. The
output remains powered up at this level until a valid write sequence
is made to the DAC. This is useful in applications where it is
important to know the state of the output of the DAC while it is
in the process of powering up.
Any events on LDAC or CLR during power-on reset are ignored.
There is also a software reset function. Command 101 is the
software reset command. The software reset command contains
two reset modes that are software programmable by setting bit
DB0 in the input shift register.
Table 16 shows how the state of the bit corresponds to the
software reset modes of operation of the devices. Figure 71
shows the contents of the input shift register during the
software reset mode of operation.
Table 16. Software Reset Modes for the AD56x5R/AD56x5
DB0
Registers Reset to Zero
0
DAC register
Input shift register
1 (Power-On Reset)
DAC register
Input shift register
LDAC register
Power-down register
Internal reference setup register
INTERNAL REFERENCE SETUP (R VERSIONS)
The on-chip reference is off at power-up by default. It can be
turned on by sending the reference setup command (111) and
setting DB0 in the input shift register. Table 17 shows how the
state of the bit corresponds to the mode of operation.
Table 17. Reference Setup Command
DB0
Action
0
Internal reference off (default)
1
Internal reference on
Figure 71. Reset Command
Figure 72. Reference Setup Command
X
S
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
X
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RST
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
DON’T CARE
R
S
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
X
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
REF
COMMAND
DAC ADDRESS
(DON’T CARE)
DON’T CARE
DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com