Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5645RBCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5645RBCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5645RBCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5645RBCPZ-R2 Datasheet HTML 13Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 14Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 15Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 16Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 17Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 18Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 19Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 20Page - Analog Devices AD5645RBCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 17 of 36
Figure 33. Zero-Scale Error and Offset Error vs. Supply
Figure 34. IDD Histogram with External Reference
Figure 35. IDD Histogram with Internal Reference
Figure 36. Supply Current vs. DAC Code
Figure 37. Supply Current vs. Supply
Figure 38. Supply Current vs. Temperature
VDD (V)
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
2.7
3.2
4.2
3.7
5.2
4.7
ZERO-SCALE ERROR
OFFSET ERROR
TA = 25°C
IDD (mA)
0
30
25
20
15
10
5
VDD = 3.6V
VDD = 5.5V
IDD (mA)
0
25
20
15
10
5
VDD = 3.6V
VDD = 5.5V
VREFOUT = 1.25V
VREFOUT = 2.5V
CODE
0
2.0
1.6
1.8
1.4
1.2
1.0
0.8
0.6
0.4
0.2
512
10512
20512
30512
40512
50512
60512
TA = 25°C
VDD = 5.5V
VREFOUT = 2.5V
VREFIN = 5V
VDD (V)
0
0.2
0.4
0.8
0.6
1.0
1.2
3.2
2.7
3.7
4.2
4.7
5.2
TA = 25°C
TEMPERATURE (°C)
1.2
0.2
0.4
1.0
0.6
0.8
0
–40
–20
0
20
40
60
80
100
VDD = VREF = 5V
VDD = VREF = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com