Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7793EBZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7793EBZ1
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7793EBZ1 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7793EBZ1 Datasheet HTML 1Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 2Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 3Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 4Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 5Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 6Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 7Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 8Page - Analog Devices EVAL-AD7793EBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
3-Channel, Low Noise, Low Power, 16-/24-Bit
∑-Δ ADC with On-Chip In-Amp and Reference
AD7792/AD7793
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 23 bits effective resolution
RMS noise
40 nV @ 4.17 Hz
85 nV @ 16.7 Hz
Current: 400 μA typical
Power-down: 1 μA maximum
Low noise programmable gain instrumentation amp
Band gap reference with 4 ppm/°C drift typical
Update rate: 4.17 Hz to 470 Hz
3 differential inputs
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Programmable current sources
On-chip bias voltage generator
Burnout currents
Power supply: 2.7 V to 5.25 V
–40°C to +105°C temperature range
Independent interface power supply
16-lead TSSOP package
Interface
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Thermocouple measurements
RTD measurements
Thermistor measurements
Gas analysis
Industrial process control
Instrumentation
Portable instrumentation
Blood analysis
Smart transmitters
Liquid/gas chromatography
6-digit DVM
FUNCTIONAL BLOCK DIAGRAM
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
Σ-Δ
ADC
AD7792: 16-BIT
AD7793: 24-BIT
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
AVDD
GND
MUX
VBIAS
BAND GAP
REFERENCE
INTERNAL
CLOCK
CLK
GND
GND
AVDD
REFIN(–)/AIN3(–)
IOUT1
IOUT2
AVDD
IN-AMP
BUF
REFIN(+)/AIN3(+)
Figure 1.
GENERAL DESCRIPTION
The AD7792/AD7793 are low power, low noise, complete
analog front ends for high precision measurement applications.
The AD7792/AD7793 contain a low noise 16-/24-bit ∑-Δ ADC
with three differential analog inputs. The on-chip, low noise
instrumentation amplifier means that signals of small ampli-
tude can be interfaced directly to the ADC. With a gain
setting of 64, the rms noise is 40 nV when the update rate
equals 4.17 Hz.
The devices contain a precision low noise, low drift internal
band gap reference and can accept an external differential
reference. Other on-chip features include programmable
excitation current sources, burnout currents, and a bias voltage
generator. The bias voltage generator sets the common-mode
voltage of a channel to AVDD/2.
The devices can be operated with either the internal clock or an
external clock. The output data rate from the parts is software-
programmable and can be varied from 4.17 Hz to 470 Hz.
The parts operate with a power supply from 2.7 V to 5.25 V.
They consume a current of 400 μA typical and are housed in a
16-lead TSSOP package.


Similar Part No. - EVAL-AD7793EBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7793EBZ AD-EVAL-AD7793EBZ Datasheet
1Mb / 16P
Evaluation Board for the AD7793 24-Bit, Low Power Sigma-Delta ADC (3 Channels)
Rev. 0
More results

Similar Description - EVAL-AD7793EBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7792 AD-AD7792 Datasheet
241Kb / 18P
Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
Jun-2004
AD7794 AD-AD7794 Datasheet
260Kb / 21P
Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
Jun-2004
AD7785 AD-AD7785 Datasheet
635Kb / 32P
3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7798 AD-AD7798 Datasheet
445Kb / 28P
3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com